Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 49 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 45Page - Texas Instruments DAC39RFS10 Datasheet HTML 46Page - Texas Instruments DAC39RFS10 Datasheet HTML 47Page - Texas Instruments DAC39RFS10 Datasheet HTML 48Page - Texas Instruments DAC39RFS10 Datasheet HTML 49Page - Texas Instruments DAC39RFS10 Datasheet HTML 50Page - Texas Instruments DAC39RFS10 Datasheet HTML 51Page - Texas Instruments DAC39RFS10 Datasheet HTML 52Page - Texas Instruments DAC39RFS10 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 180 page
background image
CLK+
CLK–
DAC Output
(Sine Wave)
0
+VFS
-VFS
TS = 1/FCLK
tpd
TS /2
Figure 7-7. RF Mode Timing Diagram
FOUT/FCLK
0
0.5
1
1.5
2
2.5
3
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Figure 7-8. RF Mode Output Frequency Response
7.3.1.4 DES Mode
Dual edge sampling (DES) mode outputs unique samples on both the rising and falling edge of CLK, doubling
the sample rate for the same clock frequency. An extra digital interpolate by 2 stage is included in the device to
enable a double sample rate.
An non-50% CLK duty cycle results in an image of the signal at FCLK - FOUT. Compared to NRZ mode with
the same clock frequency, DES mode provides significant reduction in the image amplitude, reducing filter
requirements. There are three DES modes: DES1X, DES2XL and DES2XH. DES1X mode also allows 15.52 or
GSPS of unique data in 12-bit and 8-bit single channel mode, supporting 7.68 GHz or GHz of signal bandwidth.
DES2XL uses an low pass 2x interpolation filter to increase from the single edge sample rate to dual edge
sample rate, and supports output frequencies between 0 - 0.4*FCLK with up to GHz of signal BW). DES2XH uses
a high pass interpolation filter, supporting output frequencies between 0.6 - 1.0*FCLK with the same signal BW as
DES2XL.
www.ti.com
DAC39RF10EF, DAC39RFS10EF
SBASAX2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DAC39RF10EF DAC39RFS10EF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com