Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PREF54250CDR Datasheet(PDF) 3 Page - Texas Instruments

Part # PREF54250CDR
Description  REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PREF54250CDR Datasheet(HTML) 3 Page - Texas Instruments

  PREF54250CDR Datasheet HTML 1Page - Texas Instruments PREF54250CDR Datasheet HTML 2Page - Texas Instruments PREF54250CDR Datasheet HTML 3Page - Texas Instruments PREF54250CDR Datasheet HTML 4Page - Texas Instruments PREF54250CDR Datasheet HTML 5Page - Texas Instruments PREF54250CDR Datasheet HTML 6Page - Texas Instruments PREF54250CDR Datasheet HTML 7Page - Texas Instruments PREF54250CDR Datasheet HTML 8Page - Texas Instruments PREF54250CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
4 Device Comparison Table
PRODUCT
VREF
SPECIFIED TEMPERATURE
RANGE
REF54250QDR(1)
2.5 V
-40ºC to 125ºC
REF54250CDR(1)
2.5 V
0ºC to 70ºC
REF54300QDR (1)
3.0 V
-40ºC to 125ºC
REF54300CDR(1)
3.0 V
0ºC to 70ºC
REF54410QDR(1)
4.096 V
-40ºC to 125ºC
REF54410CDR(1)
4.096 V
0ºC to 70ºC
REF54450QDR(1)
4.5 V
-40ºC to 125ºC
REF54450CDR(1)
4.5 V
0ºC to 70ºC
REF54500QDR(1)
5.0 V
-40ºC to 125ºC
REF54500CDR(1)
5.0 V
0ºC to 70ºC
(1)
Product preview. Contact local TI support for samples.
www.ti.com
REF54
SNVSCN7 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com