Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCAL9538RSVR Datasheet(PDF) 29 Page - Texas Instruments

Part # TCAL9538RSVR
Description  TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAL9538RSVR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TCAL9538RSVR Datasheet HTML 25Page - Texas Instruments TCAL9538RSVR Datasheet HTML 26Page - Texas Instruments TCAL9538RSVR Datasheet HTML 27Page - Texas Instruments TCAL9538RSVR Datasheet HTML 28Page - Texas Instruments TCAL9538RSVR Datasheet HTML 29Page - Texas Instruments TCAL9538RSVR Datasheet HTML 30Page - Texas Instruments TCAL9538RSVR Datasheet HTML 31Page - Texas Instruments TCAL9538RSVR Datasheet HTML 32Page - Texas Instruments TCAL9538RSVR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
1
0
0
A1
1
1
S
0
A
A
A
R/W
A
P
NA
S
1
MSB
LSB
MSB
LSB
Target Address
Acknowledge
From Target
Command Byte
Data From Upper
or Lower Byte
of Register
Last Byte
Data
Acknowledge
From Target
Acknowledge
From Target
Target Address
Data From Lower
or Upper Byte
of Register
First Byte
Data
No Acknowledge
From Controller
Acknowledge
From Controller
At this moment, controller transmitter
becomes controller receiver, and
target receiver becomes target transmitter.
1
0
0
1
1
R/W
Stop
Condition
A0
A1 A0
Figure 7-11. Read From Register
<br/>
SCL
SDA
INT
Start
Condition
R/W
Read From
Port
Data Into
Port
Stop
Condition
ACK From
Controller
NACK From
Controller
ACK From
Target
Data From Port
Target Address
Data From Port
1
9
R
7
6
5
4
3
2
0
1
1
S
0
1
A1
1
A
Data 1
Data 4
A
NA P
Data 2
Data 3
Data 4
Data 5
INT is cleared
by Read from Port
Stop not needed
to clear INT
tph
tps
tir
tiv
A0
A.
Transfer of data can be stopped at any time by a Stop condition. When this occurs, data present at the latest acknowledge phase is
valid (output mode). It is assumed that the command byte previously has been set to 00 (read Input Port register).
B.
This figure eliminates the command byte transfer, a restart, and target address call between the initial target address call and actual
data transfer from P port (see Figure 7-11).
Figure 7-12. Read Input Port Register
www.ti.com
TCAL9538
SCPS280A – NOVEMBER 2022 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TCAL9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com