Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSRI2X75-065P2B Datasheet(PDF) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # CSRI2X75-065P2B
Description  SiC SCHOTTKY DIODE TYPE 2×75A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

CSRI2X75-065P2B Datasheet(HTML) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

  CSRI2X75-065P2B Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. CSRI2X75-065P2B Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. CSRI2X75-065P2B Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. CSRI2X75-065P2B Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dacosemi.com.tw
- 2 -
DACO SEMICONDUCTOR CO., LTD.
®
min.
typ.
max.
VDC
650
-
-
-1.50
1.70
-
1.70
2.00
-50
80
-
80
300
Reverse current
IR
VR =650V, Tj =25 °C
VR =650V, Tj =175 °C
DC blocking voltage
V
Diode forward voltage
VF
IF =75A, Tj =25 °C
IF =75A, Tj =175 °C
Electrical Characteristics, at Tj=25 °C, unless otherwise specified. (per diode)
Static Characteristics
Symbol
Conditions
Values
Unit
A
Qrr
-
239
-
nC
-
2380
-
-
344
-
-
339
-
R JC
0.18
oC/W
pF
VR=200V, f=1 MHz
VR=400V, f=1 MHz
Thermal Characteristics (per diode)
Thermal resistance from junction to case
Total capacitive charge
VR=400V, Tj=25 °C
Total capacitance
C
VR=0V, f=1 MHz
AC Characteristics (per diode)
typ.
Static Characteristics
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Symbol
Conditions
Values
Unit
Tj=25 °C
Tj=25 °C
Tj=25 °C
CSRI2×75-065P2B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com