Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDC37B78X Datasheet(PDF) 21 Page - SMSC Corporation

Part # FDC37B78X
Description  Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B78X Datasheet(HTML) 21 Page - SMSC Corporation

Back Button FDC37B78X Datasheet HTML 17Page - SMSC Corporation FDC37B78X Datasheet HTML 18Page - SMSC Corporation FDC37B78X Datasheet HTML 19Page - SMSC Corporation FDC37B78X Datasheet HTML 20Page - SMSC Corporation FDC37B78X Datasheet HTML 21Page - SMSC Corporation FDC37B78X Datasheet HTML 22Page - SMSC Corporation FDC37B78X Datasheet HTML 23Page - SMSC Corporation FDC37B78X Datasheet HTML 24Page - SMSC Corporation FDC37B78X Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 249 page
background image
21
DIGITAL OUTPUT REGISTER (DOR)
Address 3F2 READ/WRITE
The DOR controls the drive select and motor enables of the disk interface outputs. It also contains the
enable for the DMA logic and a software reset bit. The contents of the DOR are unaffected by a software
reset. The DOR can be written to at any time.
BIT 0 and 1 DRIVE SELECT
These two bits are binary encoded for the drive
selects, thereby allowing only one drive to be
selected at one time.
BIT 2 nRESET
A logic "0" written to this bit resets the Floppy disk
controller. This reset will remain active until a logic
"1" is written to this bit. This software reset does
not affect the DSR and CCR registers, nor does it
affect the other bits of the DOR register.
The
minimum
reset
duration
required
is
100ns,
therefore toggling this bit by consecutive writes to
this register is a valid method of issuing a software
reset.
BIT 3 DMAEN
PC/AT and Model 30 Mode:
Writing this bit to logic "1" will enable the DRQ,
nDACK, TC and FINTR outputs. This bit being a
logic "0" will disable the nDACK and TC inputs,
and hold the DRQ and FINTR outputs in a high
impedance state.
This bit is a logic "0" after a
reset and in these modes.
PS/2 Mode: In this mode the DRQ, nDACK, TC
and FINTR pins are always enabled.
During a
reset, the DRQ, nDACK, TC, and FINTR pins will
remain enabled, but this bit will be cleared to a
logic "0".
BIT 4 MOTOR ENABLE 0
This bit controls the MTR0 disk interface output. A
logic "1" in this bit will cause the output pin to go
active.
BIT 5 MOTOR ENABLE 1
This bit controls the MTR1 disk interface output. A
logic "1" in this bit will cause the output pin to go
active.
BIT 6 MOTOR ENABLE 2
The MTR2 disk interface output is not. (Always 0)
BIT 7 MOTOR ENABLE 3
The MTR3 disk interface output is not. (Always 0)
Table 6 - Drive Activation Values
DRIVE
DOR VALUE
0
1
1CH
2DH
7
6
5
4
3
2
1
0
MOT
EN3
MOT
EN2
MOT
EN1
MOT
EN0
DMAEN
nRESE
T
DRIVE
SEL1
DRIVE
SEL0
RESET
COND.
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com