Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC47M112 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47M112
Description  Enhanced Super I/O Controller with LPC Interface
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47M112_07 Datasheet HTML 17Page - SMSC Corporation LPC47M112_07 Datasheet HTML 18Page - SMSC Corporation LPC47M112_07 Datasheet HTML 19Page - SMSC Corporation LPC47M112_07 Datasheet HTML 20Page - SMSC Corporation LPC47M112_07 Datasheet HTML 21Page - SMSC Corporation LPC47M112_07 Datasheet HTML 22Page - SMSC Corporation LPC47M112_07 Datasheet HTML 23Page - SMSC Corporation LPC47M112_07 Datasheet HTML 24Page - SMSC Corporation LPC47M112_07 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 204 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 21
Rev. 02-16-07
DATASHEET
SIGNAL NAME
TYPE
DESCRIPTION
PCI_CLK
Input
PCI Clock.
Note:
The nCLKRUN signal is not implemented in this part.
8.3.2
LPC CYCLES
The following cycle types are supported by the LPC protocol.
CYCLE TYPE
TRANSFER SIZE
I/O Write
1 Byte
I/O Read
1 Byte
DMA Write
1 Byte
DMA Read
1 Byte
Peripherals must ignore cycles that they do not support.
8.3.3
FIELD DEFINITIONS
The data transfers are based on specific fields that are used in various combinations, depending on the cycle type.
These fields are driven onto the LAD[3:0] signal lines to communicate address, control and data information over the
LPC bus between the host and the LPC47M112. See the Low Pin Count (LPC) Interface Specification Reference,
Section 4.2 for definition of these fields.
8.3.3.1
nLFRAME Usage
nLFRAME is used by the host to indicate the start of cycles and the termination of cycles due to an abort or time-out
condition. This signal is to be used by the LPC47M112 to know when to monitor the bus for a cycle.
This signal is used as a general notification that the LAD[3:0] lines contain information relative to the start or stop of a
cycle, and that the LPC47M112 monitors the bus to determine whether the cycle is intended for it. The use of
nLFRAME allows the LPC47M112 to enter a lower power state internally. There is no need for the LPC47M112 to
monitor the bus when it is inactive, so it can decouple its state machines from the bus, and internally gate its clocks.
When the LPC47M112 samples nLFRAME active, it immediately stops driving the LAD[3:0] signal lines on the next
clock and monitor the bus for new cycle information.
The nLFRAME signal functions as described in the Low Pin Count (LPC) Interface Specification, Revision 1.0.
8.3.3.2
I/O Read and Write Cycles
The LPC47M112 is the target for I/O cycles. I/O cycles are initiated by the host for register or FIFO accesses, and
will generally have minimal Sync times. The minimum number of wait-states between bytes is 1. EPP cycles will
depend on the speed of the external device, and may have much longer Sync times.
Data transfers are assumed to be exactly 1-byte. If the CPU requested a 16 or 32-bit transfer, the host will break it
up into 8-bit transfers.
See the Low Pin Count (LPC) Interface Specification Reference, Section 5.2, for the sequence of cycles for the I/O
Read and Write cycles.
8.3.3.3
DMA Read and Write Cycles
DMA read cycles involve the transfer of data from the host (main memory) to the LPC47M112. DMA write cycles
involve the transfer of data from the LPC47M112 to the host (main memory). Data will be coming from or going to a
FIFO and will have minimal Sync times. Data transfers to/from the LPC47M112 are 1, 2 or 4 bytes.
See the Low Pin Count (LPC) Interface Specification Reference, Section 6.4, for the field definitions and the
sequence of the DMA Read and Write cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com