Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC47M172 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LPC47M172
Description  Advanced I/O Controller with Motherboard GLUE Logic
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 9Page - SMSC Corporation LPC47M172 Datasheet HTML 10Page - SMSC Corporation LPC47M172 Datasheet HTML 11Page - SMSC Corporation LPC47M172 Datasheet HTML 12Page - SMSC Corporation LPC47M172 Datasheet HTML 13Page - SMSC Corporation LPC47M172 Datasheet HTML 14Page - SMSC Corporation LPC47M172 Datasheet HTML 15Page - SMSC Corporation LPC47M172 Datasheet HTML 16Page - SMSC Corporation LPC47M172 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 226 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 01-11-07)
Page 13
SMSC LPC47M172
DATASHEET
Note:
Pin 117 is used to select the mode of the logical device numbering. This pin affects the LD_NUM bit in the
TEST 7 register (configuration register 0x29), which is used to select logical device numbering in the
LPC47M172. See Table 6.1 - Super I/O Block Logical Device Number and Addresses. The pin functions
as follows:
The pin has an internal pull-down resistor that selects the non-standard SMSC (Intel Compatible) mode. To
select this mode, the pin should be left unconnected. This configuration clears the LD_NUM bit to ‘0’ and the
associated functionality corresponds to the existing functionality in the part when the LD_NUM bit=0.
Connecting this pin to VTR will select the standard SMSC mode of the logical device numbering. This
configuration sets the LD_NUM bit to ‘1’ and the associated functionality corresponds to the existing functionality
in the part when the LD_NUM bit=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com