Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PR1002L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PR1002L
Description  1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1002L Datasheet(HTML) 1 Page - Diodes Incorporated

  PR1002L Datasheet HTML 1Page - Diodes Incorporated PR1002L Datasheet HTML 2Page - Diodes Incorporated PR1002L Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS27001 Rev. 8 - 2
1 of 3
PR1001G/L - PR1007G/L
www.diodes.com
© Diodes Incorporated
PR1001G/L - PR1007G/L
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Features
“GL” Suffix Designates A-405 Package
“G” Suffix Designates DO-41 Package
Dim
DO-41 Plastic
A-405
Min
Max
Min
Max
A
25.40
25.40
B
4.06
5.21
4.10
5.20
C
0.71
0.864
0.53
0.64
D
2.00
2.72
2.00
2.70
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
•
Glass Passivated Die Construction
•
Fast Switching for High Efficiency
•
Surge Overload Rating to 30A Peak
•
Low Reverse Leakage Current
•
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
•
Case: DO-41 Plastic, A-405
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish - Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Marking: Type Number
•
Ordering Information: See Last Page
•
DO-41 Weight: 0.35 grams (approximate)
•
A-405 Weight: 0.20 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR1001
G/GL
PR1002
G/GL
PR1003
G/GL
PR1004
G/GL
PR1005
G/GL
PR1006
G/GL
PR1007
G/GL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
30
A
Forward Voltage Drop
@ IF = 1.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 100
°C
IRM
5.0
50
µA
Reverse Recovery Time (Note 3)
trr
150
250
500
ns
Typical Total Capacitance (Note 2)
CT
15
8
pF
Typical Thermal Resistance Junction to Ambient
RθJA
95
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.
Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
4. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
5. Short duration pulse test used to minimize self-heating effect.
SPICE MODELS: PR1001G PR1002G PR1003G PR1004G PR1005G PR1006G PR1007G


Similar Part No. - PR1002L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1002L DIODES-PR1002L Datasheet
62Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. A-2
PR1002L DIODES-PR1002L Datasheet
67Kb / 3P
1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 2 - 2
PR1002L-T DIODES-PR1002L-T Datasheet
67Kb / 3P
1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 2 - 2
More results

Similar Description - PR1002L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4933G DIODES-1N4933G Datasheet
62Kb / 2P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
PR1001G DIODES-PR1001G Datasheet
62Kb / 2P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. D1-2
1N4933G DIODES-1N4933G_1 Datasheet
88Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 6 - 2
logo
TAITRON Components Inco...
MLL4933 TAITRON-MLL4933 Datasheet
200Kb / 3P
1.0A Glass Passivated Fast Recovery Rectifier
RL101FG TAITRON-RL101FG Datasheet
184Kb / 5P
1.0A Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
PR1001G DIODES-PR1001G_2 Datasheet
84Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. 9 - 2
1N4933G DIODES-1N4933G_2 Datasheet
85Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
PR1007G-T DIODES-PR1007G-T Datasheet
84Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Rev erse
PR1001G DIODES-PR1001G_15 Datasheet
162Kb / 4P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Rev erse
1N4933G DIODES-1N4933G_15 Datasheet
85Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com