Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN91C96IQFP Datasheet(PDF) 84 Page - SMSC Corporation

Part # LAN91C96IQFP
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96IQFP Datasheet(HTML) 84 Page - SMSC Corporation

Back Button LAN91C96IQFP Datasheet HTML 80Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 81Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 82Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 83Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 84Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 85Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 86Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 87Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 88Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 109 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller
Rev. 03-28-07
Page 84
SMSC DS – LAN91C96I
DATASHEET
Chapter 11 Operation Description
11.1
Maximum Guaranteed Ratings*
Operating Temperature Range ................................................................................................-40
°C to 85°C
Storage Temperature Range ...............................................................................................-55
°C to +150°C
Lead Temperature Range (soldering, 10 seconds) ............................................................................+325
°C
Positive Voltage on 3.3V-Only tolerant I/O pin, with respect to Ground ........................................VCC + 0.3V
Positive Voltage on 5V tolerant I pin, with respect to ground …………………………………………… ... 5.5V
Negative Voltage on any pin, with respect to Ground ........................................................................... -0.3V
Maximum VCC ....................................................................................................................................... +5.5V
* Stresses above those listed above could cause permanent damage to the device. This is a stress rating
only and functional operation of the device at any other condition above those indicated in the operation
sections of this specification is not implied.
Note:
When powering this device from laboratory or system power supplies, it is important that the Absolute
Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when the AC power is switched on or off. In addition, voltage transients on the AC
power line may appear on the DC output. If this possibility exists, it is suggested that a clamp circuit be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com