Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB97C100 Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 28Page - SMSC Corporation USB97C100 Datasheet HTML 29Page - SMSC Corporation USB97C100 Datasheet HTML 30Page - SMSC Corporation USB97C100 Datasheet HTML 31Page - SMSC Corporation USB97C100 Datasheet HTML 32Page - SMSC Corporation USB97C100 Datasheet HTML 33Page - SMSC Corporation USB97C100 Datasheet HTML 34Page - SMSC Corporation USB97C100 Datasheet HTML 35Page - SMSC Corporation USB97C100 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
SMSC DS – USB97C100
Page 32
Rev. 01/03/2001
Table 40 - 8237 Address Programming Guide
8237 INTERNAL ADDRESS PROGRAMMING GUIDE
BIT
NAME
DESCRIPTION
15
INT_EXT
Indicates whether this address refers to Internal Buffer RAM or
External ISA Memory Space
0 = External
1 = Internal
When this bit is set to zero (0), I/O capability is added to External
Memory DMA. This capability can only be used for DMA channels 2
or 3.
[14:10]
PN[4:0]/SA[14:10]
External Address -or- Internal Packet Number
SA[14..10] when INT_EXT=0
PN[4..0] when INT_EXT=1
[9:0]
PTR[9:0]/SA[9:0]
External Address -or- Internal Packet Offset Pointer
SA[9..0] when INT_EXT=0
PTR[9..0] when INT_EXT=1
Note:
SA[19..15] are driven low when the 8237 is accessing external ISA memory. PTR10 is driven low when the
8237 is accessing internal buffer RAM. Note that the actual transfer size for the ISADMA is limited to 1024
bytes, which limits the payload data to 1016 bytes per transfer when the 8 byte header is skipped. Also note
that the 8051 still has access to 1Meg of external RAM through the MEMBASE register and it is
independent of the 8237's 32k external limit.
Table 41 - Channel 0 Current Address Register
CH0_ADDR
(ISA 0x0000)
CHANNEL 0 CURRENT ADDRESS
BIT
NAME
R/W
DESCRIPTION
[7:0]
CH0_ADDRL
R/W
Lower 8 bits of Base and Current Address when Byte F/F = 0
[7:0]
CH0_ADDRH
R/W
Upper 8 bits of Base and Current Address when Byte F/F = 1
Note:
Byte F/F is an internal Flip Flop which reflects which byte (high or low) is being written. The CLEAR_FF
register should be written to before writing this register to guarantee which byte (high or low) is being
written. See the Address Programming Table for 16 bit Address definitions.
Table 42 - Channel 0 Byte Count Register
CH0_CNT
(ISA 0x0001)
CHANNEL 0 BYTE COUNT
BIT
NAME
R/W
DESCRIPTION
[7:0]
CH0_CNTL
R/W
Lower 8 bits of Byte Count when Byte F/F = 0
[7:0]
CH0_CNTH
R/W
Upper 8 bits of Byte Count when Byte F/F = 1
Note:
The CLEAR_FF register should be written to before writing this register to guarantee which byte (high or
low) is being written. See Address Programming Table for 16 bit Address definitions.
Table 43 - Channel 1 Current Address Register
CH1_ADDR
(ISA 0x0002)
CHANNEL 1 CURRENT ADDRESS
BIT
NAME
R/W
DESCRIPTION
[7:0]
CH1_ADDRL
R/W
Lower 8 bits of Base and Current Address when Byte F/F = 0
[7:0]
CH1_ADDRH
R/W
Upper 8 bits of Base and Current Address when Byte F/F = 1
Note:
The CLEAR_FF register should be written to before writing this register to guarantee which byte (high or
low) is being written. See the Address Programming Table for 16 bit Address definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com