Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB97C211-NE Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB97C211-NE
Description  USB 2.0 Flash Media Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C211-NE Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB97C211-NE Datasheet HTML 16Page - SMSC Corporation USB97C211-NE Datasheet HTML 17Page - SMSC Corporation USB97C211-NE Datasheet HTML 18Page - SMSC Corporation USB97C211-NE Datasheet HTML 19Page - SMSC Corporation USB97C211-NE Datasheet HTML 20Page - SMSC Corporation USB97C211-NE Datasheet HTML 21Page - SMSC Corporation USB97C211-NE Datasheet HTML 22Page - SMSC Corporation USB97C211-NE Datasheet HTML 23Page - SMSC Corporation USB97C211-NE Datasheet HTML 24Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SMSC USB97C211
Page 21
Revision 1.3 (11-05-03)
DATASHEET
7.2 128 Pin QFP Package Outline, 14X20X2.7 Body, 3.9 MM Footprint
MIN
NOMINAL
MAX
REMARKS
A
~
~
3.4
Overall Package Height
A1
0.05
~
0.5
Standoff
A2
2.55
~
3.05
Body Thickness
D
23.70
~
24.10
X Span
D1
19.90
~
20.10
X body Size
E
17.70
~
18.10
Y Span
E1
13.90
~
14.10
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.73
0.88
1.03
Lead Foot Length
L1
~
1.95
~
Lead Length
e
0.50 Basic
Lead Pitch
θ
0
o
~
7
o
Lead Foot Angle
W
0.10
~
0.30
Lead Width
R1
0.13
~
~
Lead Shoulder Radius
R2
0.13
~
0.30
Lead Foot Radius
ccc
~
~
0.08
Coplanarity
Notes:
1 Controlling Unit: millimeter.
2 Tolerance on the position of the leads is ± 0.04 mm maximum.
3 Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold protrusion is 0.25 mm.
4 Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5 Details of pin 1 identifier are optional but must be located within the zone indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com