Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB97CFDC2-01 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 16Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 17Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 18Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 19Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 20Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 21Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 22Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 23Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 24Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 20
Rev. 02-27-07
DATASHEET
PARAMETER
SYMBOL
CONDITIONS
(NOTE 1, 2)
MIN
TYP
MAX
UNIT
Transceiver Capacitance
CIN
Pin to GND
20
pF
Terminals
Bus Pull-up Resistor on
Root Port
RPU
(1.5 K
Ω +/- 5%)
1.425
1.575
k
Ω
Bus Pull-down Resistor on
Downstream Port
RPD
(15 K
Ω +/- 5%)
14.25
15.75
k
Ω
Note 1: All voltages are measured from the local ground potential, unless otherwise specified.
Note 2: All timing use a capacitive load (CL) to ground of 50pF, unless otherwise specified.
Note 3: This is relative to VUSBIN.
Note 4: This is dependent on block configuration set by software.
Note 5: When the internal ring oscillator and waiting for first setup packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com