Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISP1123 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ISP1123
Description  Universal Serial Bus compound hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1123 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ISP1123 Datasheet HTML 17Page - NXP Semiconductors ISP1123 Datasheet HTML 18Page - NXP Semiconductors ISP1123 Datasheet HTML 19Page - NXP Semiconductors ISP1123 Datasheet HTML 20Page - NXP Semiconductors ISP1123 Datasheet HTML 21Page - NXP Semiconductors ISP1123 Datasheet HTML 22Page - NXP Semiconductors ISP1123 Datasheet HTML 23Page - NXP Semiconductors ISP1123 Datasheet HTML 24Page - NXP Semiconductors ISP1123 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Philips Semiconductors
ISP1123
USB compound hub
Preliminary specification
Rev. 01 — 5 October 1999
21 of 49
9397 750 06325
© Philips Electronics N.V. 1999. All rights reserved.
11. I2C-bus interface
A simple I2C-bus interface is provided in the ISP1123 to read customized vendor ID,
product ID and some other configuration bits from an external EEPROM. The
interface supports single master operation at a nominal bus speed of 93.75 kHz.
The I2C-bus interface is intended for bidirectional communication between ICs via two
serial bus wires, SDA (data) and SCL (clock). Both lines are driven by open-drain
circuits and must be connected to the positive supply voltage via pull-up resistors.
11.1 Protocol
The I2C-bus protocol defines the following conditions:
• Bus free: both SDA and SCL are HIGH
• START: a HIGH-to-LOW transition on SDA, while SCL is HIGH
• STOP: a LOW-to-HIGH transition on SDA, while SCL is HIGH
• Data valid: after a START condition, data on SDA are stable during the HIGH
period of SCL; data on SDA may only change while SCL is LOW.
Each device on the I2C-bus has a unique slave address, which the master uses to
select a device for access.
The master starts a data transfer using a START condition and ends it by generating
a STOP condition. Transfers can only be initiated when the bus is free. The receiver
must acknowledge each byte by means of a LOW level on SDA during the ninth clock
pulse on SCL.
For detailed information please consult
The I2C-bus and how to use it., order number
9398 393 40011.
11.2 Hardware connections
Via the I2C-bus interface the ISP1123 can be connected to an external EEPROM
(PCF8582 or equivalent). The hardware connections are shown in Figure 6.
The SCL and SDA pins are multiplexed with pins OPTION and INDV respectively.
Fig 6.
EEPROM connection diagram.
idth
MBL081
INDV/SDA
OPTION/SCL
A1
A2
A0
SDA
SCL
VDD
RP
RP
VDD
ISP1123
USB HUB
PCF8582
EEPROM
or
equivalent
I2C-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com