Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLS850F3TUV50 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLS850F3TUV50
Description  OPTIREG™ linear TLS850F3TUV50 Low dropout linear voltage regulator with watchdog and reset
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS850F3TUV50 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLS850F3TUV50 Datasheet HTML 3Page - Infineon Technologies AG TLS850F3TUV50 Datasheet HTML 4Page - Infineon Technologies AG TLS850F3TUV50 Datasheet HTML 5Page - Infineon Technologies AG TLS850F3TUV50 Datasheet HTML 6Page - Infineon Technologies AG TLS850F3TUV50 Datasheet HTML 7Page - Infineon Technologies AG TLS850F3TUV50 Datasheet HTML 8Page - Infineon Technologies AG TLS850F3TUV50 Datasheet HTML 9Page - Infineon Technologies AG TLS850F3TUV50 Datasheet HTML 10Page - Infineon Technologies AG TLS850F3TUV50 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Datasheet
7
Rev. 1.1
2023-10-16
OPTIREG™ linear TLS850F3TUV50
Low dropout linear voltage regulator with watchdog and reset
General product characteristics
3.2
Functional range
Note:
Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics
table.
Table 2
Functional range
Tj = -40°C to 150°C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Input voltage range
VI
VQ,nom +
Vdr
–42
V
1)
1) See the values of output voltage VQ and drop out voltage Vdr, in Voltage regulator.
P_3.2.1
Extended input voltage
range
VI(ext)
3–
42
V
2)
2) The output voltage VQ follows the input voltage, but is outside the specified range, see Voltage regulator.
P_3.2.2
Junction temperature
Tj
-40
–
150
°C
–
P_3.2.4
Output capacitance for
stable operation
CQ
1–
–
µF
3)4)
3) The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%.
4) Not subject to production test, specified by design.
P_3.2.5
ESR of output capacitor
ESRCQ
––
20
Ω
4)5)
5) Relevant ESR value at f = 10 kHz.
P_3.2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com