Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8018 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISCFM8018
Description  All-SiC Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8018 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISCFM8018 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8018 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8018 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8018 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISCFM8018
eq MSCSM120AM31CT1
All-SiC Power Module
www.iscsemi.com
2023-9-2
3
NTC Thermistor
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
R25
Rated Resistance
50
kΩ
∆R/R
Deviation of R100
TC=100, R100=493.3Ω
-5
5
%
P25
Power Dissipation
20
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-1/(298
.15K))]
3375
K
Module Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
Visol
Case Isolation Voltage
t=1min, f=50Hz
2500
--
--
V
Tj max
Maximum Junction Temperature
--
--
175
℃
Tvj op
Operating Junction Temperature
-40
--
175
℃
F
Mounting Force Per Clamp
20
--
50
N.m
G
Weight of Module
--
25
--
g
Circuit Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com