Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISF1054 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1054
Description  SiC N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1054 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1054 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISF1054
eq SCT070W120G3AG
SiC N-Channel MOSFET
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.63
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID= 1mA
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = VGS; ID = 1mA
1.8
3.0
4.2
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 18V; ID= 20A;TC= 25℃
--
75
85
mΩ
VGS= 18V; ID= 20A;TC= 125℃
--
125
--
IGSS
Gate Source Leakage Current
VGS= 18V; VDS= 0V
--
--
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V; VGS = 0V;TC=
25℃
--
1
10
μA
VDS = 1200V; VGS = 0V;TC=
175℃
--
5
--
Gfs
Forward Transconductance
VDS = 20V, ID = 20A
--
10
--
S
Ciss
Input Capacitance
VGS = 0V,
VDS = 1000V,
f = 1.0MHz
VAC=25mV
--
920
--
pF
Coss
Output Capacitance
--
58
--
Crss
Reverse Transfer Capacitance
--
4.0
--
Qg
Total Gate Charge
VDD=800V,
ID= 20A,
VGS= - 4to +18V
--
41
--
nC
Qgs
Gate-Source Charge
--
7
--
Qgd
Gate-Drain Charge
--
49
--
td(on)
Turn-on Delay Time
VGS= - 4to +15V
ID= 20A,
VDD= 800V,
Rg= 0Ω,
L=120uH
--
13
--
ns
tr
Turn-on Rise Time
--
19
--
td(off)
Turn-off Delay Time
--
14
--
tf
Turn-off Fall Time
--
15
--



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com