Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7665SCBAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665SCBAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7665SCBAZ Datasheet HTML 1Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 2Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 3Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 4Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 5Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 6Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 7Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 8Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN3182.8
April 5, 2006
Functional Block Diagram
AC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT DELAY TIMES
Input Going HI
tSO1D
VSET Switched between 1.0V to 1.6V
ROUT = 4.7kΩ, CL = 12pF
RHYST = 20kΩ, CL = 12pF
-85-
µs
tSH1D
-90-
µs
tSO2D
-55-
µs
tSH2D
-55-
µs
Input Going LO
tSO1D
VSET Switched between 1.6V to 1.0V
ROUT = 4.7kΩ, CL = 12pF
RHYST = 20kΩ, CL = 12pF
-75-
µs
tSH1D
-80-
µs
tSO2D
-60-
µs
tSH2D
-60-
µs
Output Rise Times
tO1R
VSET Switched between 1.0V to 1.6V
ROUT = 4.7kΩ, CL = 12pF
RHYST = 20kΩ, CL = 12pF
-0.6
-
µs
tO2R
-0.8
-
µs
tH1R
-7.5
-
µs
tH2R
-0.7
-
µs
Output Fall Times
tO1F
VSET Switched between 1.0V to 1.6V
ROUT = 4.7kΩ, CL = 12pF
RHYST = 20kΩ, CL = 12pF
-0.6
-
µs
tO2F
-0.7
-
µs
tH1F
-4.0
-
µs
tH2F
-1.8
-
µs
REF
SET1
SET2
+
-
+
-
V+
HYST2
HYST1
OUT2
OUT1
GND
CONDITIONS (Note 5)
VSET1 > 1.3V, OUT1 Switch ON, HYST1 Switch ON
VSET1 < 1.3V, OUT1 Switch OFF, HYST1 Switch OFF
VSET2 > 1.3V, OUT2 Switch OFF, HYST2 Switch ON
VSET2 < 1.3V, OUT2 Switch ON, HYST2 Switch OFF
NOTE:
5. See Electrical Specifications for exact thresholds.
ICL7665S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com