Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSRDA3.3-4 Datasheet(PDF) 3 Page - Protek Devices

Part # PSRDA3.3-4
Description  STEERING DIODE/ TVS ARRAY COMBO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSRDA3.3-4 Datasheet(HTML) 3 Page - Protek Devices

  PSRDA3.3-4 Datasheet HTML 1Page - Protek Devices PSRDA3.3-4 Datasheet HTML 2Page - Protek Devices PSRDA3.3-4 Datasheet HTML 3Page - Protek Devices PSRDA3.3-4 Datasheet HTML 4Page - Protek Devices PSRDA3.3-4 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PSRDA3.3-4
thru
PSRDA15-4
3
05096.R8 3/07
www.protekdevices.com
GRAPHS
FIGURE 8
RETURN LOSS - PSRDA12-4
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
FIGURE 7
INSERTION LOSS - PSRDA12-4
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR PSRDA05-4
ESD Test Pulse: 8 kilovolt, 1/30ns (waveshape)
0
10
20
30
40
0
5
10
15
20
25
30
I
PP - Peak Pulse Current - Amps
0
4
8
12
FIGURE 6
TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT FOR PSRDA05-4
FIGURE 5
INPUT CAPACITANCE CIRCUIT
G
REF2
+V
CC
REF1
V
R
I/O



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com