Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TR85 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # TR85
Description  Infrared Laser Diode in TO56 Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TR85 Datasheet(HTML) 1 Page - OSRAM GmbH

  TR85 Datasheet HTML 1Page - OSRAM GmbH TR85 Datasheet HTML 2Page - OSRAM GmbH TR85 Datasheet HTML 3Page - OSRAM GmbH TR85 Datasheet HTML 4Page - OSRAM GmbH TR85 Datasheet HTML 5Page - OSRAM GmbH TR85 Datasheet HTML 6Page - OSRAM GmbH TR85 Datasheet HTML 7Page - OSRAM GmbH TR85 Datasheet HTML 8Page - OSRAM GmbH TR85 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SPL TR85
1 Version 0.2 | 2018-11-26
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SPL TR85
Metal Can® TO56
Infrared Laser Diode in TO56 Package
Gesture Recognition
Features:
Laser wavelength 850 nm
Efficient radiation source for cw and pulsed operation
Single tranverse mode semiconductor laser
High modulation bandwidth
TO56 package with photo diode
Ordering Information
Type
Peak output power
Ordering Code
typ.
T
case = 25 °C
P
opt
SPL TR85
200 mW
Q65112A1150


Similar Part No. - TR85

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TR8 TRSYS-TR8 Datasheet
146Kb / 5P
SILICON TRIACS
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
09-Aug-11
logo
Everlight Electronics C...
TR8 EVERLIGHT-TR8 Datasheet
221Kb / 10P
High Performance SMD White LED with Reflector
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
408Kb / 16P
Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
18-Jul-17
logo
Transys Electronics
TR8-400-70 TRSYS-TR8-400-70 Datasheet
146Kb / 5P
SILICON TRIACS
More results

Similar Description - TR85

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT5510 OSRAM-PLT5510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
Green Laser Diode in TO56 Package
PLTB450B OSRAM-PLTB450B Datasheet
631Kb / 7P
Blaue Laser Diode 1.6 W in TO56 Bauform
PLT5450B OSRAM-PLT5450B Datasheet
369Kb / 9P
Blue Laser Diode in TO56 Package
PLT5488 OSRAM-PLT5488 Datasheet
370Kb / 9P
Blue-Cyan Laser Diode in TO56 Package
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
Infrared Laser Diode in TO56 Package
PLT5-510 OSRAM-PLT5-510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
logo
ams AG
PLT5510 AMSCO-PLT5510 Datasheet
1Mb / 17P
Green Laser Diode in TO56 Package
Version 1.7 2021-06-23
SPLTR85 AMSCO-SPLTR85 Datasheet
1Mb / 13P
Metal Can® TO56 Infrared Laser Diode in TO56 Package
Version 0.2 2018-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com