Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISF1056 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISF1056
Description  N-Channel Super Junction MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1056 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISF1056 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1056 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISF1056
eq STP10NK80ZFP
N-Channel Super Junction MOSFET
www.iscsemi.com
1
FEATURES
·Drain Current -ID= 9A@ TC=25℃
·Drain Source Voltage -VDSS= 800V(Min)
·Static Drain-Source On-Resistance
-RDS(on) =0.9Ω(Max)@VGS= 10V
APPLICATIONS
·
Switch Mode Power Supply(SMPS)
·
Power Factor Correction(PFC)
·
TV Power & LED lighting Power
·
AC to DC Converters
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
800
V
VGS
Gate-Source Voltage-Continuous
±
30
V
ID
Drain Current-Continuous
9
A
ID
Drain Current-Continuous at TC=100℃
6
A
IDM
Drain Current-Single Pluse
36
A
PD
Total Dissipation @TC=25℃
40
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3.1
℃
/W


Similar Part No. - ISF1056

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ISF105 RECTRON-ISF105 Datasheet
112Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Inchange Semiconductor ...
ISF1050 ISC-ISF1050 Datasheet
302Kb / 2P
N-Channel MOSFET
ISF1051 ISC-ISF1051 Datasheet
320Kb / 2P
N-Channel MOSFET
ISF1052 ISC-ISF1052 Datasheet
302Kb / 2P
N-Channel MOSFET
ISF1053 ISC-ISF1053 Datasheet
626Kb / 5P
N-Channel MOSFET
More results

Similar Description - ISF1056

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS10N65SJ BWTECH-MS10N65SJ Datasheet
744Kb / 6P
N-Channel Super Junction MOSFET
logo
KODENSHI_AUK CORP.
SJMN60R38D KODENSHI-SJMN60R38D Datasheet
462Kb / 8P
N-Channel Super Junction MOSFET
SJMN60R38F KODENSHI-SJMN60R38F Datasheet
523Kb / 8P
N-Channel Super Junction MOSFET
SJMN65R15F KODENSHI-SJMN65R15F Datasheet
516Kb / 8P
N-Channel Super Junction MOSFET
SJMN65R38F KODENSHI-SJMN65R38F Datasheet
521Kb / 8P
N-Channel Super Junction MOSFET
SJMN078R60W KODENSHI-SJMN078R60W Datasheet
545Kb / 8P
N-Channel Super-junction MOSFET
SJMN380R65F KODENSHI-SJMN380R65F Datasheet
574Kb / 8P
N-Channel Super Junction MOSFET
SJMN600R65D KODENSHI-SJMN600R65D Datasheet
404Kb / 8P
N-Channel Super Junction MOSFET
SJMN600R65F KODENSHI-SJMN600R65F Datasheet
575Kb / 8P
N-Channel Super Junction MOSFET
logo
Shenzhen Huazhimei Semi...
HMS11N65 HMSEMI-HMS11N65 Datasheet
729Kb / 7P
N-Channel Super Junction MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com