Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3265 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 2SC3265
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

2SC3265 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  2SC3265 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 2SC3265 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 2SC3265 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23 Plastic-Encapsulate Transistors
2SC3265
TRANSISTOR (NPN)
FEATURES
High DC current gain
Complementary to KTA1298
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
800
mA
PC
Collector Power Dissipation
200
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA, IE=0
35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=30 V, IE=0
0.1
μA
Collector cut-off current
IEBO
VEB=5 V, IC=0
0.1
μA
DC current gain
hFE
VCE=1V, IC= 100mA
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=20mA
0.5
V
base-emitter voltage
VBE
VCE=1V,IC=10mA
0.5
0.8
V
Transition frequency
fT
VCE=5V, IC=10mA
f=100MHz
120
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHZ
13
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
Marking
EO
EY
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
℃
UMW
R
UMW 2SC3265
1
www.umw-ic.com
友台半导体有限公司


Similar Part No. - 2SC3265

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3265 TOSHIBA-2SC3265 Datasheet
135Kb / 3P
NPN EPITAXIAL TYPE (LOW FREQUENCY POWER AMPLIFIER, POWER SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3265 KEXIN-2SC3265 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3265 TOSHIBA-2SC3265 Datasheet
86Kb / 3P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265 TOSHIBA-2SC3265 Datasheet
184Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265 TOSHIBA-2SC3265 Datasheet
184Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
More results

Similar Description - 2SC3265

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com