Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2575HV Datasheet(PDF) 16 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575HV
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575HV Datasheet(HTML) 16 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM2575HV Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
PACKAGES DIMENSION : TO220-5L
www.umw-ic.com
友台半导体有限公司
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com