Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EH-R3A140-010G Datasheet(PDF) 3 Page - EHAOAN.

Part # EH-R3A140-010G
Description  tHigh Luminous Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-R3A140-010G Datasheet(HTML) 3 Page - EHAOAN.

  EH-R3A140-010G Datasheet HTML 1Page - EHAOAN. EH-R3A140-010G Datasheet HTML 2Page - EHAOAN. EH-R3A140-010G Datasheet HTML 3Page - EHAOAN. EH-R3A140-010G Datasheet HTML 4Page - EHAOAN. EH-R3A140-010G Datasheet HTML 5Page - EHAOAN. EH-R3A140-010G Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute
Ratings at Ta=25℃
Notes:
1. Specifications are subject to change without notice.
2. The data on this specification is for reference only and the actual data is in accordance with the
acknowledgment.
3. Precautions for ESD:
STATIC SHIELD Electricity and surge damages the LED. It is recommended to use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be properly
grounded.
Parameter
Symbol
MAX.
Unit
LED Junction Temperature
Tj
150
℃
Power Dissipation
PD
2170
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
IFP
1000
mA
Continuous Forward Current
IF
700
mA
Reverse Voltage
VR
5
V
Electrostatic Discharge Threshold (ESD)
ESD
2000
V
Operating Temperature Range
Topr
-30 to +70
℃
Storage Temperature Range
Tspr
-40 to +100
Maximum
DATA SHEET
Lighting LED
EH-R3A140-010G
3
EHAOAN Electronics Co., Ltd.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com