Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB0405-T13 Datasheet(PDF) 5 Page - Protek Devices

Part # USB0405-T13
Description  LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0405-T13 Datasheet(HTML) 5 Page - Protek Devices

  USB0405-T13 Datasheet HTML 1Page - Protek Devices USB0405-T13 Datasheet HTML 2Page - Protek Devices USB0405-T13 Datasheet HTML 3Page - Protek Devices USB0405-T13 Datasheet HTML 4Page - Protek Devices USB0405-T13 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
USB0403
thru
USB0424C
5
05205.R1 6/06
www.protekdevices.com
SOT-143 PACKAGE OUTLINE & DIMENSIONS
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix-T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e.,
USB0405C-T7.
3. Suffix-T13 = 13 Inch Reel - 10,000 pieces per 8mm tape,
i.e.,
USB0405C-T13.
4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e.,
USB0405C-LF-T7.
A
B
C
D
F
G
H
J
K
L
R
S
2.80
1.20
0.84
0.39
0.79
1.78
0.013
0.08
0.46
0.445
0.72
2.11
3.04
1.39
1.14
0.50
0.93
2.03
0.10
0.15
0.60
0.60
0.83
2.48
0.110
0.047
0.033
0.015
0.031
0.070
0.0005
0.003
0.018
0.0175
0.028
0.083
0.120
0.055
0.045
0.020
0.037
0.080
0.004
0.006
0.024
0.024
0.033
0.098
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. Dimensioning and tolerances per ANSI Y14.5M, 1985.
2. Controlling Dimension: Inches
3. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SOT-143
MOUNTING PAD
A
G
L
B
S
F
D
K
J
C
R
H
0.112
0.079
0.071
0.075
0.041
0.108
0.047
0.031
0.033
0.033
0.033
1
2
3
4
5
6
7
8
9
10
11
2.85
2.00
1.80
1.90
1.05
2.75
1.20
0.80
0.85
0.85
0.85
DIM Millimeters Inches
TYPICAL
1
2
4
3
5
6
79
8
10
11
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Tape & Reel Specifications (Dimensions in millimeters)
D
E
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)
8mm
3.10 ± 0.10 2.70 ± 0.10 1.35 ± 0.10
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
Outline & Dimensions: Rev 2 - 6/06, 06011
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com