Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB0408-T13 Datasheet(PDF) 3 Page - Protek Devices

Part # USB0408-T13
Description  LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0408-T13 Datasheet(HTML) 3 Page - Protek Devices

  USB0408-T13 Datasheet HTML 1Page - Protek Devices USB0408-T13 Datasheet HTML 2Page - Protek Devices USB0408-T13 Datasheet HTML 3Page - Protek Devices USB0408-T13 Datasheet HTML 4Page - Protek Devices USB0408-T13 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
USB0403
thru
USB0424C
3
05205.R1 6/06
www.protekdevices.com
FIGURE 6
RETURN LOSS - USB0405C
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
FIGURE 5
INSERTION LOSS - USB0405C
100 MHz per Division
-50 db
-20 db
Ref 0 db
20 db
GRAPHS
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR USB0405C
ESD Test Pulse: 5 kilovolt, 1/30ns (waveform)
0
10
20
30
40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com