Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5KP28AS Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # 5KP28AS
Description  Axial Lead Transient Voltage Suppressors 10 To 60V 6000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

5KP28AS Datasheet(HTML) 3 Page - UN Semiconducctor INC

  5KP28AS Datasheet HTML 1Page - UN Semiconducctor INC 5KP28AS Datasheet HTML 2Page - UN Semiconducctor INC 5KP28AS Datasheet HTML 3Page - UN Semiconducctor INC 5KP28AS Datasheet HTML 4Page - UN Semiconducctor INC 5KP28AS Datasheet HTML 5Page - UN Semiconducctor INC 5KP28AS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Axial Lead Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
3/5
5KPS Series
10 To 60V 6000W
SYSTEM
TEST
LEVEL
Us(V)
Td( ms )
Ri(Ω )
NUMBER OF
PULSE
12V
Ⅳ
87
400
1
10 pulse
24V
Ⅳ
174
350
4
10 pulse
试验脉冲
5a
Ratings and Characteristics Curves (TA=25°C unless otherwise noted)
Load dump ratings are tested on PRIMA ISO7637-P5a
0
UA
U
Us
Td
Tr
T
0.9Us
0.1Us
Figure 4 - I-V Curve Characteristics
Figure 3 - I-V Curve Characteristics
V
VC VBR VR
IR VF
IT
IPP
Uni-directional
V
VC VBR VR
VC
VBR
VR
IR
IR
IT
IT
IPP
IPP
Bi-directional



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com