Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5KP28CAS Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # 5KP28CAS
Description  Axial Lead Transient Voltage Suppressors 10 To 60V 6000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

5KP28CAS Datasheet(HTML) 1 Page - UN Semiconducctor INC

  5KP28CAS Datasheet HTML 1Page - UN Semiconducctor INC 5KP28CAS Datasheet HTML 2Page - UN Semiconducctor INC 5KP28CAS Datasheet HTML 3Page - UN Semiconducctor INC 5KP28CAS Datasheet HTML 4Page - UN Semiconducctor INC 5KP28CAS Datasheet HTML 5Page - UN Semiconducctor INC 5KP28CAS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The 5KPS series of high current uni/bi-directional transient
suppressors are designed for A.C. line protection and high power
DC bus clamping applications. These devices offer uni/bi-directional
port protection from 10 volts to 60 volts. They provide a clamping
voltage lower than the avalanche voltage.Therefore, any voltage
rise due to increased current conduction is contained to a minimum,
providing the best possible protection level. They can also be
connected in series and/or parallel to create very high capacity
protection solutions.
5KPS Series
Maximum Ratings and Thermal Characteristics(TA=25°C unless otherwise noted)
Features
Description
Applications
ROHS
Revision March 1,2022
Axial Lead Transient Voltage Suppressors
www.unsemi.com.tw
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/5
JEDEC R-6/P-600 Molded Plastic .
Glass passivated chip junction in R-6/P600 package .
6000 W peak pulse power capability with a 10/1000 us
waveform, repetitive rate (duty cycle):0.01 % .
Low leakage .
Excellent clamping capability .
Very fast response time: typically less than 1.0ps from 0V to VBR min.
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .
Meet with ISO 7637-2,ISO 16750,etc .
High reliability application and automotive grade AEC Q101 qualifhed.
Use in sensitive electronics protection against voltage transients
induced by inductive load switching and lighting, especially for
automotive load dump protection application.
Uni-directional
Bi-directional
Functional Diagram
Cathode
Bi-directional
Anode
Uni-direction
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000us waveform
Power Dissipation on Infinite Heat Sink at TL=75°C
Peak pulse current with a 10/1000us waveform
Junction and storage temperature range
Operating temperature range
Peak forward surge current, 8.3ms single half sine-wave
PPPM
PD
IPP
TJ, TSTG
TOP
IFSM
6000
8.0
See Next Table
- 55 to +175
- 55 to +150
500
W
W
A
°C
°C
A
10 To 60V 6000W


Similar Part No. - 5KP28CAS

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP28CA SURGE-5KP28CA Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP28CA TRSYS-5KP28CA Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP28CA WTE-5KP28CA Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
5KP28CA DIODES-5KP28CA Datasheet
67Kb / 3P
5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Littelfuse
5KP28CA LITTELFUSE-5KP28CA Datasheet
158Kb / 4P
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 5KP28CAS

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
30KPA28A SOCAY-30KPA28A Datasheet
451Kb / 5P
Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
Axial Lead Transient Voltage Suppressors
3KP ANOVA-3KP Datasheet
393Kb / 4P
Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
Axial Lead Transient Voltage Suppressors
P4KE ANOVA-P4KE Datasheet
352Kb / 4P
Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
Axial Lead Transient Voltage Suppressors
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com