Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N7002E Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002E
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002E Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002E Datasheet HTML 1Page - Diodes Incorporated 2N7002E Datasheet HTML 2Page - Diodes Incorporated 2N7002E Datasheet HTML 3Page - Diodes Incorporated 2N7002E Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30376 Rev. 5 - 2
2 of 4
2N7002E
www.diodes.com
Electrical Characteristics
@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Drain-Source Breakdown Voltage
BVDSS
60
70
¾
V
VGS = 0V, ID = 10mA
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
¾
¾
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
¾
¾
±10
nA
VGS = ±15V, VDS = 0V
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
1.0
¾
2.5
V
VDS = VGS, ID = 250mA
Static Drain-Source On-Resistance
@ Tj = 25°C
RDS (ON)
¾
¾
1.6
2.0
3
4
W
VGS = 10V, ID = 250mA
VGS = 4.5V, ID = 200mA
On-State Drain Current
ID(ON)
0.8
1.0
¾
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
¾
¾
mS
VDS =10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾
22
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾
11
25
pF
Reverse Transfer Capacitance
Crss
¾
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
¾
7.0
20
ns
VDD = 30V, ID = 0.2A,
RL = 150W, VGEN = 10V,
RGEN = 25W
Turn-Off Delay Time
tD(OFF)
¾
11
20
ns
Date Code Key
K7B = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: P = 2003
M = Month ex: 9 = September
K7B
Marking Information
Ordering Information (Note 4)
Notes:
3. Short duration test pulse used to minimize self-heating effect.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
2N7002E-7-F
SOT-23
3000/Tape & Reel
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2003
2004
2005
2006
2007
2008
2009
Code
P
R
S
T
U
V
W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com