Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP65H480G4JSG Datasheet(PDF) 3 Page - Transphorm Inc

Part # TP65H480G4JSG
Description  650V SuperGaN® GaN FET in PQFN (source tab)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSPHORM [Transphorm Inc]
Direct Link  https://www.transphormusa.com/en/
Logo TRANSPHORM - Transphorm Inc

TP65H480G4JSG Datasheet(HTML) 3 Page - Transphorm Inc

  TP65H480G4JSG Datasheet HTML 1Page - Transphorm Inc TP65H480G4JSG Datasheet HTML 2Page - Transphorm Inc TP65H480G4JSG Datasheet HTML 3Page - Transphorm Inc TP65H480G4JSG Datasheet HTML 4Page - Transphorm Inc TP65H480G4JSG Datasheet HTML 5Page - Transphorm Inc TP65H480G4JSG Datasheet HTML 6Page - Transphorm Inc TP65H480G4JSG Datasheet HTML 7Page - Transphorm Inc TP65H480G4JSG Datasheet HTML 8Page - Transphorm Inc TP65H480G4JSG Datasheet HTML 9Page - Transphorm Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
September 12, 2023
transphormusa.com
tp65h480g4lsg.3v3
3
TP65H480G4JSG
Gate Ferrite Bead (FB1)
Required DC Link RC Snubber (RCDCL) b
240Ω @ 100MHz
4.7-10nF + 5Ω
Notes:
a.
For bridge topologies only. RG could be much smaller in single ended topologies.
b.
RCDCL should be placed as close as possible to the drain pin.
Circuit Implementation
Recommended gate drive: (0V, 8V) with RG(tot) = 30 Ωa
Simplified Half-bridge Schematic
VBUS
DC Bus
RG
RG
Driver
FB
FB
Driver
RCDCL
VO
Recommended gate drive: (0V, 12V) with RG(ON) = 100 to 300 Ω
RG(OFF) = 0 to 15 Ω
Simplified Single Ended Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com