Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29BL162CB-35DWI1 Datasheet(PDF) 13 Page - SPANSION

Part # AM29BL162CB-35DWI1
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL162CB-35DWI1 Datasheet(HTML) 13 Page - SPANSION

Back Button AM29BL162CB-35DWI1 Datasheet HTML 9Page - SPANSION AM29BL162CB-35DWI1 Datasheet HTML 10Page - SPANSION AM29BL162CB-35DWI1 Datasheet HTML 11Page - SPANSION AM29BL162CB-35DWI1 Datasheet HTML 12Page - SPANSION AM29BL162CB-35DWI1 Datasheet HTML 13Page - SPANSION AM29BL162CB-35DWI1 Datasheet HTML 14Page - SPANSION AM29BL162CB-35DWI1 Datasheet HTML 15Page - SPANSION AM29BL162CB-35DWI1 Datasheet HTML 16Page - SPANSION AM29BL162CB-35DWI1 Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
12
Am29BL162C Known Good Die
SU PPL EMEN T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29BL162C
B
80R
DP
E
1
DIE REVISION
This number refers to the specific AMD manufacturing process and
product technology reflected in this document. It is entered in the
revision field of AMD standard product nomenclature.
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
H
=
Super Extended (–55
°C to +145°C)
PACKAGE TYPE AND
MINIMUM ORDER QUANTITY
DP
=
Waffle Pack
80 die per 5 tray stack
DG
=
Gel-Pak® Die Tray
252 die per 6 tray stack
DT
=
Surftape™ (Tape and Reel)
1600 per 7-inch reel
DW
=
Gel-Pak® Wafer Tray (sawn wafer on frame)
Call AMD sales office for minimum order quantity
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29BL162C Known Good Die
16 Megabit (1 M x 16-Bit) CMOS Flash Memory—Die Revision 1
3.0 Volt-only Program and Erase
Valid Combinations
Am29BL162CB-80R
DPI 1, DPE 1, DPH 1
DGI 1, DGE 1, DGH 1
DTI 1, DTE 1, DTH 1
DWI 1, DWE 1, DWH 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com