Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L065MU01VF Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # L065MU01VF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L065MU01VF Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button L065MU01VF Datasheet HTML 45Page - Advanced Micro Devices L065MU01VF Datasheet HTML 46Page - Advanced Micro Devices L065MU01VF Datasheet HTML 47Page - Advanced Micro Devices L065MU01VF Datasheet HTML 48Page - Advanced Micro Devices L065MU01VF Datasheet HTML 49Page - Advanced Micro Devices L065MU01VF Datasheet HTML 50Page - Advanced Micro Devices L065MU01VF Datasheet HTML 51Page - Advanced Micro Devices L065MU01VF Datasheet HTML 52Page - Advanced Micro Devices L065MU01VF Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
September 12, 2006
Am29LV065MU
47
DA TA
SH EET
AC CHARACTERISTICS
Notes: SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”)
Figure 19.
Chip/Sector Erase Operation Timings
OE#
CE#
Addresses
VCC
WE#
Data
XXXh
SA
tAH
tWP
tWC
tAS
tWPH
XXXh for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com