Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMP2012SN-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2012SN-7
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2012SN-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2012SN-7 Datasheet HTML 1Page - Diodes Incorporated DMP2012SN-7 Datasheet HTML 2Page - Diodes Incorporated DMP2012SN-7 Datasheet HTML 3Page - Diodes Incorporated DMP2012SN-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-20
⎯
⎯
V
VGS = 0V, ID = 250mA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-10
μA
VDS = -20V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±10
μA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-0.5
⎯
-1.2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
0.23
0.37
0.30
0.50
Ω
VGS = -4.5V, ID = -0.4A
VGS = -2.5V, ID = -0.4A
Forward Transfer Admittance
|Yfs|
⎯
1.5
⎯
S
VDS = -10V, ID = 0.4A
Diode Forward Voltage (Note 5)
VSD
⎯
-0.8
-1.1
V
VGS = 0V, IS = -0.7A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
180
⎯
pF
Output Capacitance
Coss
⎯
120
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
50
⎯
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
⎯
5
⎯
ns
Turn-Off Delay Time
tD(OFF)
⎯
55
⎯
ns
Turn-On Rise Time
tr
⎯
20
⎯
ns
Turn-Off Fall Time
tf
⎯
70
⎯
ns
VDD = -10V, ID = -0.4A,
VGS = -5.0V, RGEN = 50Ω
Notes:
5.
Short duration test pulse used to minimize self-heating effect.
-3.5V
-3V
-2.5V
V
GS =-1.5V
-2V
-5V
-4V
-4.5V
T= 25°C
J
T = 125°C
J
T= -55°C
J
DS30790 Rev. 2 - 2
2 of 4
www.diodes.com
DMP2012SN
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com