Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2114SN Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2114SN
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2114SN Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2114SN Datasheet HTML 1Page - Diodes Incorporated DMN2114SN Datasheet HTML 2Page - Diodes Incorporated DMN2114SN Datasheet HTML 3Page - Diodes Incorporated DMN2114SN Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 1)
Drain-Source Breakdown Voltage
BVDSS
20
⎯
⎯
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
@ Tj = 25°C
IDSS
⎯
⎯
10
μA
VDS = 24V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±10
μA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
VGS(th)
0.7
⎯
1.40
V
VDS = 10V, ID = 1.0mA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
⎯
⎯
0.100
0.160
Ω
VGS = 4.5V, ID = 0.5A
VGS = 2.5V, ID = 0.5A
Forward Transfer Admittance
|Yfs|
⎯
3.3
⎯
S
VDS = 10V, ID = 0.5A
Diode Forward Voltage
VSD
⎯
0.8
1.1
V
VGS = 0V, IS = 1.0A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
180
⎯
pF
Output Capacitance
Coss
⎯
120
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
45
⎯
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
⎯
10
⎯
ns
Turn-Off Delay Time
tD(OFF)
⎯
50
⎯
ns
Turn-On Rise Time
tr
⎯
15
⎯
ns
Turn-Off Fall Time
tf
⎯
45
⎯
ns
VDD = 10V, ID = 0.5A,
VGS = 5.0V, RGEN =
50
Ω
3V, 3.5V, 4V, 5V
3.0V
2.5V
VGS = 1.5V
2.0V
V
= 10V
DS
T= -55°C
A
T= 25°C
A
T = 125°C
A
DS30829 Rev. 3 - 2
2 of 4
www.diodes.com
DMN2114SN
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com