Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29BDS640GBC9WSI Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29BDS640GBC9WSI
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640GBC9WSI Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29BDS640GBC9WSI Datasheet HTML 16Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 17Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 18Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 19Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 20Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 21Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 22Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 23Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
18
Am29BDS640G
25903C2 May 9, 2006
Data
Sheet
tem must provide the proper signals to the control inputs to prevent unintentional
writes when VCC is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write
cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE# = VIL, CE# = VIH or WE# =
VIH. To initiate a write cycle, CE# and WE# must be a logical zero while OE# is a
logical one.
Power-Up Write Inhibit
If WE# = CE# = RESET# = VIL and OE# = VIH during power up, the device does
not accept commands on the rising edge of WE#. The internal state machine is
automatically reset to the read mode on power-up.
VCC and VIO Power-up And Power-down Sequencing
The device imposes no restrictions on VCC and VIO power-up or power-down se-
quencing. Asserting RESET# to VIL is required during the entire VCC and VIO
power sequence until the respective supplies reach their operating voltages. Once
VCC and VIO attain their respective operating voltages, de-assertion of RESET#
to VIH is permitted.
Common Flash Memory Interface (CFI)
The Common Flash Interface (CFI) specification outlines device and host system
software interrogation handshake, which allows specific vendor-specified soft-
ware algorithms to be used for entire families of devices. Software support can
then be device-independent, JEDEC ID-independent, and forward- and back-
ward-compatible for the specified flash device families. Flash vendors can
standardize their existing interfaces for long-term compatibility.
This device enters the CFI Query mode when the system writes the CFI Query
command, 98h, to address 55h any time the device is ready to read array data.
The system can read CFI information at the addresses given in Tables 3-6. To ter-
minate reading CFI data, the system must write the reset command.
The system can also write the CFI query command when the device is in the au-
toselect mode. The device enters the CFI query mode, and the system can read
CFI data at the addresses given in Tables 3-6. The system must write the reset
command to return the device to reading array data.
For further information, please refer to the CFI Specification and CFI Publication
100, available via the web at the following URL: http://www.amd.com/flash/cfi.
Alternatively, contact an sales office or representative for copies of these
documents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com