Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29LV160MB100PCI Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29LV160MB100PCI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160MB100PCI Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29LV160MB100PCI Datasheet HTML 17Page - Advanced Micro Devices AM29LV160MB100PCI Datasheet HTML 18Page - Advanced Micro Devices AM29LV160MB100PCI Datasheet HTML 19Page - Advanced Micro Devices AM29LV160MB100PCI Datasheet HTML 20Page - Advanced Micro Devices AM29LV160MB100PCI Datasheet HTML 21Page - Advanced Micro Devices AM29LV160MB100PCI Datasheet HTML 22Page - Advanced Micro Devices AM29LV160MB100PCI Datasheet HTML 23Page - Advanced Micro Devices AM29LV160MB100PCI Datasheet HTML 24Page - Advanced Micro Devices AM29LV160MB100PCI Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
January 31, 2007 25974B5
Am29LV160M
19
Data
Sheet
The Secured Silicon Sector area can be protected using one of the following
procedures:
Write the three-cycle Enter Secured Silicon Sector Region command se-
quence, and then follow the in-system sector protect algorithm as shown in
Figure 2, on page 17, except that RESET# may be at either VIH or VID. This
allows in-system protection of the Secured Silicon Sector without raising any
device pin to a high voltage. Note that this method is only applicable to the
Secured Silicon Sector.
To verify the protect/unprotect status of the Secured Silicon Sector, follow the
algorithm shown in Figure 3.
Once the Secured Silicon Sector is programmed, locked and verified, the system
must write the Exit Secured Silicon Sector Region command sequence to return
to reading and writing within the remainder of the array.
Factory Locked: Secured Silicon Sector Programmed and
Protected At the Factory
In devices with an ESN, the Secured Silicon Sector is protected when the device
is shipped from the factory. The Secured Silicon Sector cannot be modified in any
way. An ESN Factory Locked device has a 16-byte random ESN at addresses
0F8000h–0F8007h. Please contact your local sales office or representative for
details on ordering ESN Factory Locked devices.
Customers may opt to have their code programmed by the manufacturer
through the ExpressFlash service (Express Flash Factory Locked). The devices
are then shipped from the factory with the Secured Silicon Sector permanently
locked. Contact an sales office or representative for details on using the Ex-
pressFlash service.
Figure 3. Secured Silicon Sector Protect Verify
Write 60h to
any address
Write 40h to SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
START
RESET# =
VIH or VID
Wait 1 ms
Read from SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
If data = 00h,
SecSi Sector is
unprotected.
If data = 01h,
SecSi Sector is
protected.
Remove VIH or VID
from RESET#
Write reset
command
SecSi Sector
Protect Verify
complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com