Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29DL640G35WHEN Datasheet(PDF) 16 Page - SPANSION

Part # AM29DL640G35WHEN
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DL640G35WHEN Datasheet(HTML) 16 Page - SPANSION

Back Button AM29DL640G35WHEN Datasheet HTML 12Page - SPANSION AM29DL640G35WHEN Datasheet HTML 13Page - SPANSION AM29DL640G35WHEN Datasheet HTML 14Page - SPANSION AM29DL640G35WHEN Datasheet HTML 15Page - SPANSION AM29DL640G35WHEN Datasheet HTML 16Page - SPANSION AM29DL640G35WHEN Datasheet HTML 17Page - SPANSION AM29DL640G35WHEN Datasheet HTML 18Page - SPANSION AM29DL640G35WHEN Datasheet HTML 19Page - SPANSION AM29DL640G35WHEN Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
14
Am29DL640G
June 6, 2005
Note: The address range is A21:A-1 in byte mode (BYTE#=V
IL) or A21:A0 in word mode (BYTE#=VIH).
Table 3.
Bank Address
Table 4.
SecSiTM Sector Addresses
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
grammed with its c o rresponding progra mm ing
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID on address pin A9. Address pins
must be as shown in Table 5. In addition, when verify-
ing sector protection, the sector address must appear
on the appropriate highest order address bits (see
Table 2). Table 5 shows the remaining address bits
that are don’t care. When all necessary bits have been
set as required, the programming equipment may then
read the corresponding identifier code on DQ7–DQ0.
However, the autoselect codes can also be accessed
in-system through the command register, for instances
when the Am29DL640 is erased or programmed in a
system without access to high voltage on the A9 pin.
The command sequence is illustrated in Table 12.
Note that if a Bank Address (BA) on address bits A21,
A20, and A19 is asserted during the third write cycle of
the autoselect command, the host system can read
autoselect data from that bank and then immediately
read array data from the other bank, without exiting the
autoselect mode.
Bank 4
SA119
1110000xxx
64/32
700000h–70FFFFh
380000h–387FFFh
SA120
1110001xxx
64/32
710000h–71FFFFh
388000h–38FFFFh
SA121
1110010xxx
64/32
720000h–72FFFFh
390000h–397FFFh
SA122
1110011xxx
64/32
730000h–73FFFFh
398000h–39FFFFh
SA123
1110100xxx
64/32
740000h–74FFFFh
3A0000h–3A7FFFh
SA124
1110101xxx
64/32
750000h–75FFFFh
3A8000h–3AFFFFh
SA125
1110110xxx
64/32
760000h–76FFFFh
3B0000h–3B7FFFh
SA126
1110111xxx
64/32
770000h–77FFFFh
3B8000h–3BFFFFh
SA127
1111000xxx
64/32
780000h–78FFFFh
3C0000h–3C7FFFh
SA128
1111001xxx
64/32
790000h–79FFFFh
3C8000h–3CFFFFh
SA129
1111010xxx
64/32
7A0000h–7AFFFFh
3D0000h–3D7FFFh
SA130
1111011xxx
64/32
7B0000h–7BFFFFh
3D8000h–3DFFFFh
SA131
1111100xxx
64/32
7C0000h–7CFFFFh
3E0000h–3E7FFFh
SA132
1111101xxx
64/32
7D0000h–7DFFFFh
3E8000h–3EFFFFh
SA133
1111110xxx
64/32
7E0000h–7EFFFFh
3F0000h–3F7FFFh
SA134
1111111000
8/4
7F0000h–7F1FFFh
3F8000h–3F8FFFh
SA135
1111111001
8/4
7F2000h–7F3FFFh
3F9000h–3F9FFFh
SA136
1111111010
8/4
7F4000h–7F5FFFh
3FA000h–3FAFFFh
SA137
1111111011
8/4
7F6000h–7F7FFFh
3FB000h–3FBFFFh
SA138
1111111100
8/4
7F8000h–7F9FFFh
3FC000h–3FCFFFh
SA139
1111111101
8/4
7FA000h–7FBFFFh
3FD000h–3FDFFFh
SA140
1111111110
8/4
7FC000h–7FDFFFh
3FE000h–3FEFFFh
SA141
1111111111
8/4
7FE000h–7FFFFFh
3FF000h–3FFFFFh
Bank
A21–A19
1
000
2
001, 010, 011
3
100, 101, 110
4
111
Device
Sector Size
(x8)
Address Range
(x16)
Address Range
Am29DL640G
256 bytes
000000h–0000FFh
00000h–0007Fh
Table 2.
Am29DL640G Sector Architecture (Continued)
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com