Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM42BDS640AGBC9IS Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM42BDS640AGBC9IS
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM42BDS640AGBC9IS Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM42BDS640AGBC9IS Datasheet HTML 35Page - Advanced Micro Devices AM42BDS640AGBC9IS Datasheet HTML 36Page - Advanced Micro Devices AM42BDS640AGBC9IS Datasheet HTML 37Page - Advanced Micro Devices AM42BDS640AGBC9IS Datasheet HTML 38Page - Advanced Micro Devices AM42BDS640AGBC9IS Datasheet HTML 39Page - Advanced Micro Devices AM42BDS640AGBC9IS Datasheet HTML 40Page - Advanced Micro Devices AM42BDS640AGBC9IS Datasheet HTML 41Page - Advanced Micro Devices AM42BDS640AGBC9IS Datasheet HTML 42Page - Advanced Micro Devices AM42BDS640AGBC9IS Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
38
Am42BDS640AG
November 1, 2002
P R E L I M INARY
TEST CONDITIONS
Table 17.
Test Specifications
KEY TO SWITCHING WAVEFORMS
CL
Device
Under
Test
Figure 8.
Test Setup
Test Condition
All speed
options
Unit
Output Load
1 TTL gate
Output Load Capacitance, C
L
(including jig capacitance)
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Levels
0.0–V
IO
V
Input timing measurement reference
levels
V
IO/2
V
Output timing measurement
reference levels
V
IO/2
V
WAVEFORM
INPUTS
OUTPUTS
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
3.0 V
0.0 V
1.5 V
1.5 V
Output
Measurement Level
Input
Figure 9.
Input Waveforms and Measurement Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com