Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L640MH01PI Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # L640MH01PI
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L640MH01PI Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button L640MH01PI Datasheet HTML 14Page - Advanced Micro Devices L640MH01PI Datasheet HTML 15Page - Advanced Micro Devices L640MH01PI Datasheet HTML 16Page - Advanced Micro Devices L640MH01PI Datasheet HTML 17Page - Advanced Micro Devices L640MH01PI Datasheet HTML 18Page - Advanced Micro Devices L640MH01PI Datasheet HTML 19Page - Advanced Micro Devices L640MH01PI Datasheet HTML 20Page - Advanced Micro Devices L640MH01PI Datasheet HTML 21Page - Advanced Micro Devices L640MH01PI Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
16
Am29LV640MH/L
December 14, 2005
DA TA SH EET
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
grammed with its corresponding programming
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID on address pin A9. Address pins
A6, A3, A2, A1, and A0 must be as shown in Table 3.
In addition, when verifying sector protection, the sector
address must appear on the appropriate highest order
address bits (see Table 2). Table 3 shows the remain-
ing address bits that are don’t care. When all neces-
sary bits have been set as required, the programming
equipment may then read the corresponding identifier
code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Tables 10 and 11. This
method does not require V
ID. Refer to the Autoselect
Command Sequence section for more information.
Table 2.
Autoselect Codes, (High Voltage Method)
Legend: L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Group Protection and
Unprotection
The hardware sector group protection feature disables
both program and erase operations in any sector
group. In this device, a sector group consists of four
adjacent sectors that are protected or unprotected at
the same time (see Table 4). The hardware sector
group unprotection feature re-enables both program
and erase operations in previously protected sector
groups. Sector group protection/unprotection can be
implemented via two methods.
Sector protection/unprotection requires V
ID on the RE-
SET# pin only, and can be implemented either in-sys-
tem or via programming equipment. Figure 2 shows
the algorithms and Figure 24 shows the timing dia-
gram. This method uses standard microprocessor bus
cycle timing. For sector group unprotect, all unpro-
tected sector groups must first be protected prior to
the first sector group unprotect write cycle.
The device is shipped with all sector groups unpro-
tected. AMD offers the option of programming and pro-
tecting sector groups at its factory prior to shipping the
device through AMD’s ExpressFlash™ Service. Con-
tact an AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See the Autoselect Mode
section for details.
Description
CE#
OE#
WE#
A21
to
A15
A14
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8 to DQ15
DQ7 to DQ0
BYTE#=
V
IH
BYTE# =
V
IL
Manufacturer ID: AMD
L
L
H
X
X
V
ID
XL
X
L
L
L
00
X
01h
Cycle 1
LL
H
X
X
V
ID
XL
X
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
0Ch
Cycle 3
H
H
H
22
X
01h
Sector Protection
Verification
LL
H
SA
X
V
ID
XL
X
L
H
L
X
X
01h (protected),
00h (unprotected)
SecSi Sector Indicator
Bit (DQ7), WP# protects
highest address sector
LL
H
X
X
V
ID
XL
X
L
H
H
X
X
98h (factory locked),
18h (not factory locked)
SecSi Sector Indicator
Bit (DQ7), WP# protects
lowest address sector
LL
H
X
X
VID
XL
X
L
H
H
X
X
88h (factory locked),
08h (not factory locked)
Table 3.
Sector Group Protection/Unprotection Address Table
Sector Group
A21–A15
SA0
0000000
SA1
0000001
SA2
0000010
SA3
0000011
SA4–SA7
00001xx
SA8–SA11
00010xx
SA12–SA15
00011xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com