Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-240S150DX Datasheet(PDF) 13 Page - Inventronics Inc.

Part # ESM-240S150DX
Description  240W Programmable IP66/IP67 Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-240S150DX Datasheet(HTML) 13 Page - Inventronics Inc.

Back Button ESM-240S150DX Datasheet HTML 5Page - Inventronics Inc. ESM-240S150DX Datasheet HTML 6Page - Inventronics Inc. ESM-240S150DX Datasheet HTML 7Page - Inventronics Inc. ESM-240S150DX Datasheet HTML 8Page - Inventronics Inc. ESM-240S150DX Datasheet HTML 9Page - Inventronics Inc. ESM-240S150DX Datasheet HTML 10Page - Inventronics Inc. ESM-240S150DX Datasheet HTML 11Page - Inventronics Inc. ESM-240S150DX Datasheet HTML 12Page - Inventronics Inc. ESM-240S150DX Datasheet HTML 13Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13 / 13
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
240W Programmable IP66/IP67 Driver
ESM-240SxxxDx
Rev.C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Revision History
Change
Date
Rev.
Description of Change
Item
From
To
2020-07-09
A
Datasheet Release
/
/
2022-01-15
B
UKCA / EAC logo
/
Added
Safety &EMC Compliance
/
Updated
Programming Connection Diagram
/
Updated
Mechanical Outline
ESM-240SxxxDT
Updated
2023-07-05
C
Product Photograph
/
Updated
Safety &EMC Compliance
/
Updated
Dimming
/
Updated
Programming Connection Diagram
/
Updated
Mechanical Outline
/
Updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com