Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-320S105DX Datasheet(PDF) 11 Page - Inventronics Inc.

Part # ESM-320S105DX
Description  320W P rogrammable IP66/IP67 Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-320S105DX Datasheet(HTML) 11 Page - Inventronics Inc.

Back Button ESM-320S105DX Datasheet HTML 7Page - Inventronics Inc. ESM-320S105DX Datasheet HTML 8Page - Inventronics Inc. ESM-320S105DX Datasheet HTML 9Page - Inventronics Inc. ESM-320S105DX Datasheet HTML 10Page - Inventronics Inc. ESM-320S105DX Datasheet HTML 11Page - Inventronics Inc. ESM-320S105DX Datasheet HTML 12Page - Inventronics Inc. ESM-320S105DX Datasheet HTML 13Page - Inventronics Inc. ESM-320S105DX Datasheet HTML 14Page - Inventronics Inc. ESM-320S105DX Datasheet HTML 15Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11 / 15
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
320W Programmable IP66/IP67 Driver
ESM-320SxxxDx
Rev.C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
 10V PWM Dimming
The recommended implementation of the dimming control is provided below.
Dim+
Dim-
Inventronics
LED Driver
V+
V-
L
N
Vac
Vprg
PWM
Signal
Implementation 3
: Positive logic
Dim+
Dim-
Inventronics
LED Driver
V+
V-
L
N
Vac
Vprg
PWM
Signal
Implementation 4
: Negative logic
Notes:
1.
Do NOT connect Dim− to the output V− or V+, otherwise the driver will not work properly.
2.
When 10V PWM negative logic dimming mode and Dim+ is open, the driver will output minimum current.
 Time Dimming
Time dimming control includes 3 kinds of modes, they are Self Adapting-Midnight, Self Adapting-
Percentage and Traditional Timer.
Self Adapting-Midnight: Automatically adjusts the dimming curve based on the on-time of past two
days (if difference <15 minutes), assuming that the center point of the dimming curve is midnight local
time.
Self Adapting-Percentage: Automatically adjusts the on-time of each step by a constant percentage =
(actual on-time for the past 2 days if difference <15 min) / (programmed on-time from the dimming
curve).
Traditional Timer: Follows the programmed timing curve after power on with no changes.
 Output Lumen Compensation
Output Lumen Compensation (OLC) may be used to maintain constant light output over the life of the LEDs
by driving them at a reduced current when new, then gradually increasing the drive current over time to
counteract LED lumen degradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com