Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-320S760DX Datasheet(PDF) 4 Page - Inventronics Inc.

Part # ESM-320S760DX
Description  320W P rogrammable IP66/IP67 Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-320S760DX Datasheet(HTML) 4 Page - Inventronics Inc.

  ESM-320S760DX Datasheet HTML 1Page - Inventronics Inc. ESM-320S760DX Datasheet HTML 2Page - Inventronics Inc. ESM-320S760DX Datasheet HTML 3Page - Inventronics Inc. ESM-320S760DX Datasheet HTML 4Page - Inventronics Inc. ESM-320S760DX Datasheet HTML 5Page - Inventronics Inc. ESM-320S760DX Datasheet HTML 6Page - Inventronics Inc. ESM-320S760DX Datasheet HTML 7Page - Inventronics Inc. ESM-320S760DX Datasheet HTML 8Page - Inventronics Inc. ESM-320S760DX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 / 15
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
320W Programmable IP66/IP67 Driver
ESM-320SxxxDx
Rev.C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Output Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Turn-on Delay Time
-
-
0.5 s
Measured at 277-480Vac input,
60%-100%load
Temperature Coefficient of Ioset
-
0.03%/
C
-
Case temperature = 0
C~Tc max
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 277 Vac input:
ESM-320S105Dx
Io= 700 mA
Io=1050 mA
ESM-320S150Dx
Io=1050 mA
Io=1500 mA
ESM-320S250Dx
Io=1750 mA
Io=2500 mA
ESM-320S500Dx
Io=2850 mA
Io=5000 mA
ESM-320S760Dx
Io=5350 mA
Io=7600 mA
92.0%
91.0%
92.0%
92.0%
92.0%
91.0%
91.5%
90.0%
90.5%
90.0%
94.0%
93.0%
94.0%
94.0%
94.0%
93.0%
93.5%
92.0%
92.5%
92.0%
-
-
-
-
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 400 Vac input:
ESM-320S105Dx
Io= 700 mA
Io=1050 mA
ESM-320S150Dx
Io=1050 mA
Io=1500 mA
ESM-320S250Dx
Io=1750 mA
Io=2500 mA
ESM-320S500Dx
Io=2850 mA
Io=5000 mA
ESM-320S760Dx
Io=5350 mA
Io=7600 mA
93.0%
92.0%
92.5%
92.5%
93.0%
92.0%
92.5%
90.5%
91.5%
90.5%
95.0%
94.0%
94.5%
94.5%
95.0%
94.0%
94.5%
92.5%
93.5%
92.5%
-
-
-
-
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 480 Vac input:
ESM-320S105Dx
Io= 700 mA
Io=1050 mA
ESM-320S150Dx
Io=1050 mA
Io=1500 mA
ESM-320S250Dx
Io=1750 mA
Io=2500 mA
ESM-320S500Dx
Io=2850 mA
Io=5000 mA
ESM-320S760Dx
Io=5350 mA
Io=7600 mA
93.0%
92.0%
93.0%
92.5%
93.0%
92.0%
92.5%
90.5%
91.5%
91.5%
95.0%
94.0%
95.0%
94.5%
95.0%
94.0%
94.5%
92.5%
93.5%
93.5%
-
-
-
-
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com