Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-680S170MGS Datasheet(PDF) 3 Page - Inventronics Inc.

Part # ESM-680S170MGS
Description  680W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-680S170MGS Datasheet(HTML) 3 Page - Inventronics Inc.

  ESM-680S170MGS Datasheet HTML 1Page - Inventronics Inc. ESM-680S170MGS Datasheet HTML 2Page - Inventronics Inc. ESM-680S170MGS Datasheet HTML 3Page - Inventronics Inc. ESM-680S170MGS Datasheet HTML 4Page - Inventronics Inc. ESM-680S170MGS Datasheet HTML 5Page - Inventronics Inc. ESM-680S170MGS Datasheet HTML 6Page - Inventronics Inc. ESM-680S170MGS Datasheet HTML 7Page - Inventronics Inc. ESM-680S170MGS Datasheet HTML 8Page - Inventronics Inc. ESM-680S170MGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
680W Programmable Driver with INV Digital Dimming
ESM-680SxxxMGS
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input AC Voltage
249 Vac
-
528 Vac
Input DC Voltage
352 Vdc
-
500 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL8750; 480Vac/ 60Hz
0.70 mA
IEC60598-1; 480Vac/ 60Hz
Input AC Current
-
-
2.95 A
Measured at 100% load and 277 Vac input.
-
-
1.72 A
Measured at 100% load and 480 Vac input.
Inrush Current(I2t)
-
-
1.55 A2s
At 480Vac input, 25
℃ cold start, duration=
6.56 ms, 10%Ipk-10%Ipk. See Inrush
Current Waveform for the details.
PF
0.90
-
-
At 277-480Vac, 50-60Hz, 60%-100% Load
(408 - 680W)
THD
-
-
20%
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Current Tolerance
-5%Ioset
-
5%Ioset
100% load
Output Current Setting(Ioset)
Range
ESM-680S170MGS
ESM-680S240MGS
ESM-680S350MGS
ESM-680S560MGS
ESM-680S840MGS
ESM-680S15AMGS
125 mA
180 mA
260 mA
420 mA
630 mA
1260 mA
-
-
-
-
-
-
1700 mA
2400 mA
3500 mA
5600 mA
8400 mA
15000 mA
Output Current Setting Range
with Constant Power
ESM-680S170MGS
ESM-680S240MGS
ESM-680S350MGS
ESM-680S560MGS
ESM-680S840MGS
ESM-680S15AMGS
1250 mA
1800 mA
2600 mA
4200 mA
6300 mA
12600 mA
-
-
-
-
-
-
1700 mA
2400 mA
3500 mA
5600 mA
8400 mA
15000 mA
Total Output Current Ripple
(pk-pk)
-
5%Iomax
10%Iomax
100% load, 20 MHz BW
Output Current Ripple at < 200Hz
(pk-pk)
-
-
2%Iomax
70%-100% load
Startup Overshoot Current
-
-
10%Iomax
100% load
No Load Output Voltage
ESM-680S170MGS
ESM-680S240MGS
ESM-680S350MGS
ESM-680S560MGS
ESM-680S840MGS
ESM-680S15AMGS
-
-
-
-
-
-
-
-
-
-
-
-
600 V
420 V
300 V
220 V
120 V
60 V
Line Regulation
-
-
±0.5%
100% load
Load Regulation
-
-
±3.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com