Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESM-680S560MGS Datasheet(PDF) 4 Page - Inventronics Inc.

Part # ESM-680S560MGS
Description  680W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-680S560MGS Datasheet(HTML) 4 Page - Inventronics Inc.

  ESM-680S560MGS Datasheet HTML 1Page - Inventronics Inc. ESM-680S560MGS Datasheet HTML 2Page - Inventronics Inc. ESM-680S560MGS Datasheet HTML 3Page - Inventronics Inc. ESM-680S560MGS Datasheet HTML 4Page - Inventronics Inc. ESM-680S560MGS Datasheet HTML 5Page - Inventronics Inc. ESM-680S560MGS Datasheet HTML 6Page - Inventronics Inc. ESM-680S560MGS Datasheet HTML 7Page - Inventronics Inc. ESM-680S560MGS Datasheet HTML 8Page - Inventronics Inc. ESM-680S560MGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
680W Programmable Driver with INV Digital Dimming
ESM-680SxxxMGS
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Output Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Turn-on Delay Time
-
-
0.5 s
Measured at 277-480Vac input, 60%-100%
Load
Temperature Coefficient of Ioset
-
0.03%/
C
-
Case temperature = 0
C ~Tc max
12V Auxiliary Output
Voltage(Vaux/12V)
10.8 V
12 V
13.2 V
12V Auxiliary Output Source
Current
0 mA
-
250 mA
Return terminal is “Dim−“
12V Auxiliary Output Transient
Peak Current@6W
-
-
500 mA
500mA peak for a maximum duration of 2.2
ms in a 6.0ms period during which time the
average should not exceed 250mA.
12V Auxiliary Output Transient
Peak Current@10W
-
-
850 mA
850mA peak for a maximum duration of 1.3
ms in a 5.2ms period during which time the
average should not exceed 250mA.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 277 Vac input:
ESM-680S170MGS
Io= 1250 mA
Io= 1700 mA
ESM-680S240MGS
Io= 1800 mA
Io= 2400 mA
ESM-680S350MGS
Io= 2600 mA
Io= 3500 mA
ESM-680S560MGS
Io= 4200 mA
Io= 5600 mA
ESM-680S840MGS
Io= 6300 mA
Io= 8400 mA
ESM-680S15AMGS
Io= 12600 mA
Io= 15000 mA
92.5%
92.0%
92.0%
91.5%
92.5%
92.0%
92.0%
91.5%
92.0%
91.0%
91.5%
91.5%
94.5%
94.0%
94.0%
93.5%
94.5%
94.0%
94.0%
93.5%
94.0%
93.0%
93.5%
93.5%
-
-
-
-
-
-
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 400 Vac input:
ESM-680S170MGS
Io= 1250 mA
Io= 1700 mA
ESM-680S240MGS
Io= 1800 mA
Io= 2400 mA
ESM-680S350MGS
Io= 2600 mA
Io= 3500 mA
ESM-680S560MGS
Io= 4200 mA
Io= 5600 mA
ESM-680S840MGS
Io= 6300 mA
Io= 8400 mA
ESM-680S15AMGS
Io= 12600 mA
Io= 15000 mA
93.5%
92.5%
93.0%
92.0%
93.5%
92.5%
93.0%
92.5%
93.0%
92.0%
92.0%
92.5%
95.5%
94.5%
95.0%
94.0%
95.5%
94.5%
95.0%
94.5%
95.0%
94.0%
94.0%
94.5%
-
-
-
-
-
-
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com