Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESV-320S048ST Datasheet(PDF) 1 Page - Inventronics Inc.

Part # ESV-320S048ST
Description  320W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESV-320S048ST Datasheet(HTML) 1 Page - Inventronics Inc.

  ESV-320S048ST Datasheet HTML 1Page - Inventronics Inc. ESV-320S048ST Datasheet HTML 2Page - Inventronics Inc. ESV-320S048ST Datasheet HTML 3Page - Inventronics Inc. ESV-320S048ST Datasheet HTML 4Page - Inventronics Inc. ESV-320S048ST Datasheet HTML 5Page - Inventronics Inc. ESV-320S048ST Datasheet HTML 6Page - Inventronics Inc. ESV-320S048ST Datasheet HTML 7Page - Inventronics Inc. ESV-320S048ST Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 / 8
Specifications are subject to changes without notice.
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
320W Constant Voltage IP67 Driver
 
ESV-320SxxxST
Rev. A
Features
Description
The ESV-320SxxxST series is a 320W, constant-voltage IP67 LED driver that operates from 249~528 Vac input
with excellent power factor. It is created for many lighting applications including horticulture lighting,
architectural, and decorative. The high efficiency of these drivers enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
Models
Output
Voltage
Input
Voltage
Range(1)
Output
Current
Range
Max.
Output
Power
Typical
Efficiency
(2)
Power Factor
Model Number(3)
277Vac
480Vac
24 Vdc
249~528Vac
352~500Vdc
0 ~ 13.4 A
320 W
92.5%
0.95
0.90
ESV-320S024ST
36 Vdc
249~528Vac
352~500Vdc
0 ~ 8.9 A
320 W
92.5%
0.95
0.90
ESV-320S036ST
48 Vdc
249~528Vac
352~500Vdc
0 ~ 6.7 A
320 W
93.0%
0.95
0.90
ESV-320S048ST
54 Vdc
249~528Vac
352~500Vdc
0 ~ 6.0 A
320 W
93.5%
0.95
0.90
ESV-320S054ST
Notes:
(1) Certified voltage range: 277-480Vac or 352-500Vdc.
(2) Measured at 25
C, 100% load and 480 Vac input.
(3) SELV output.
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
249 Vac
-
528 Vac
352~500Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL8750; 480Vac/60Hz
-
-
0.7 mA
IEC60598-1; 480Vac/60Hz
Input AC Current
-
-
1.4 A
Measured at 100% load and 277 Vac input.
Ultra High Efficiency (Up to 93.5%)
Ultra High Input Voltage (249~528Vac)
Constant Voltage Output
Input Surge Protection: 6kV line-line, 10kV line-earth
All-Around Protection: OCP, OVP, SCP, OTP
Waterproof (IP67) and UL Dry / Damp / Wet Location
UL Class P & SELV Output
TYPE HL, for Use in a Class I, Division 2 Hazardous
(Classified ) Location
5 Years Warranty


Similar Part No. - ESV-320S048ST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESV-320S048SV INVENTRONICS-ESV-320S048SV Datasheet
391Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
More results

Similar Description - ESV-320S048ST

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-320 MEANWELL-HVG-320 Datasheet
139Kb / 7P
320W Constant Voltage Constant Current LED Driver
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-ESD-320SXXXDT INVENTRONICS-DS-ESD-320SXXXDT Datasheet
748Kb / 15P
320W Programmable IP67 Driver
Rev. H
DS-ESD-320SXXXDV INVENTRONICS-DS-ESD-320SXXXDV Datasheet
1Mb / 14P
320W Programmable IP67 Driver
Rev. B
ESV-320SXXXSV INVENTRONICS-ESV-320SXXXSV Datasheet
391Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
EUP-320SXXXSV INVENTRONICS-EUP-320SXXXSV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
EUK-320SXXXDTTT INVENTRONICS-EUK-320SXXXDTTT Datasheet
843Kb / 14P
320W Pro grammable IP67 Driver
Rev. E
EUK-320SXXXDV INVENTRONICS-EUK-320SXXXDV Datasheet
880Kb / 15P
320W Pro grammable IP67 Driver
Rev. E
EUC-320SXXXDT INVENTRONICS-EUC-320SXXXDT Datasheet
1Mb / 13P
320W Constant Current IP67 Driver
Rev. E
EUC-320SXXXDV INVENTRONICS-EUC-320SXXXDV Datasheet
1Mb / 12P
320W Constant Current IP67 Driver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com