Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS34AF Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # SS34AF
Description  SS34AF SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

SS34AF Datasheet(HTML) 1 Page - Burland Technology Solutions

  SS34AF Datasheet HTML 1Page - Burland Technology Solutions SS34AF Datasheet HTML 2Page - Burland Technology Solutions SS34AF Datasheet HTML 3Page - Burland Technology Solutions SS34AF Datasheet HTML 4Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2360, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SS34AF
SS34AF SCHOTTKY RECTIFIER
Note: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
Features
Circuit Diagram
Mechanical Data
Characteristic
Symbol
SS34AF
Units
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VDC
40
V
Maximum RMS Voltage
VRMS
28
V
Maximum Average Forward Rectified Current
at TL (see fig.1)
IF(AV)
3.0
A
Peak Forward Surge Current
8.3ms Single Half Sine-wave Superimposed on Rated
Load (JEDEC Method)
IFSM
70
A
Maximum Instantaneous Forward Voltage
@ IF = 3.0A, TJ = 25°C
VF
0.55
V
Maximum DC Reverse Current @TJ = 25°C
At Rated DC Blocking Voltage @TJ = 100°C
IR
0.5
mA
20
Typical Junction Capacitance(Note 1)
CJ
500
pF
Typical Thermal Resistance Junction to Ambient(Note 2)
RθJA
80
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: JEDEC SMAF molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.038 grams
Mounting Position: Any
Schottky Barrier Rectifier
Guard Ring Die Protection
Low Forward Voltage
Reverse Energy Tested
High Current Capability
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
This is a Halogen Free device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SMAF


Similar Part No. - SS34AF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SS34AF KEXIN-SS34AF Datasheet
903Kb / 2P
Schottky Diodes
logo
Guangdong Juxing Electr...
SS34AF JUXING-SS34AF Datasheet
630Kb / 3P
Surface Mount Schottky Rectifiers
logo
Xian Semipower Electron...
SS34AF SEMIPOWER-SS34AF Datasheet
127Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
DONGGUAN YOU FENG WEI E...
SS34AF YFWDIODE-SS34AF Datasheet
424Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Shanghai Yint Electroni...
SS34AF YINT-SS34AF Datasheet
482Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS34AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com