Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

15KP28AS Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 15KP28AS
Description  Axial Lead Transient Voltage Suppressors 20 To 36V 15000W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

15KP28AS Datasheet(HTML) 2 Page - UN Semiconducctor INC

  15KP28AS Datasheet HTML 1Page - UN Semiconducctor INC 15KP28AS Datasheet HTML 2Page - UN Semiconducctor INC 15KP28AS Datasheet HTML 3Page - UN Semiconducctor INC 15KP28AS Datasheet HTML 4Page - UN Semiconducctor INC 15KP28AS Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Axial Lead Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/4
Part Number
Bi
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage
VBR
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Maximum
Clamping
Voltage
VC @IPP(V)
Test
Current
IT (mA)
Min (V)
Max (V)
Uni
15KP20CAS
15KP22CAS
15KP24CAS
15KP26CAS
15KP28CAS
15KP30CAS
15KP33CAS
15KP36CAS
15KP20AS
15KP22AS
15KP24AS
15KP26AS
15KP28AS
15KP30AS
15KP33AS
15KP36AS
20.0
22.0
24.0
26.0
28.0
30.0
33.0
36.0
22.20
24.40
26.70
28.90
31.10
33.30
36.70
40.00
24.50
26.90
29.50
31.90
34.40
36.80
40.60
44.20
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
34.3
37.1
40.7
44.0
47.5
50.7
54.7
59.8
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 3 - I-V Curve Characteristics
Figure 4 - I-V Curve Characteristics
15
10
10
10
10
10
10
10
349.9
323.5
294.9
272.8
252.7
236.7
219.4
200.7
Electrical Characteristis (@ 25°C Unless Otherwise Specified )
Note:(1)Surge waveform: 10/1000μs
15KPS Series
20 To 36V 15000W
Maximum
Reverse
Surge
Current IPP¹
(A)
Figure 2 - Pulse Derating Curve
TA-Ambient temperature(°C)
0
25
50
75
100 125 150 175 200
0
20
40
60
80
100
Figure 1 - Pulse Waveform
t - Time (ms)
10/1000µsec. Waveform
as defined by R.E.A
Half Value
IPPM (IPPM/2)
Peak Value
IPPM
tr=10µsec
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
0
1.0
2.0
3.0
4.0
0
50
100
150
V
VC VBR VR
IR VF
IT
IPP
Uni-directional
V
VC VBR VR
VC
VBR
VR
IR
IR
IT
IT
IPP
IPP
Bi-directional



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com