Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMFWS2D5N08X Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFWS2D5N08X
Description  MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.55 m, 156 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFWS2D5N08X Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFWS2D5N08X Datasheet HTML 1Page - ON Semiconductor NVMFWS2D5N08X Datasheet HTML 2Page - ON Semiconductor NVMFWS2D5N08X Datasheet HTML 3Page - ON Semiconductor NVMFWS2D5N08X Datasheet HTML 4Page - ON Semiconductor NVMFWS2D5N08X Datasheet HTML 5Page - ON Semiconductor NVMFWS2D5N08X Datasheet HTML 6Page - ON Semiconductor NVMFWS2D5N08X Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NVMFWS2D5N08X
www.onsemi.com
2
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.12
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
39
4. Surface−mounted on FR4 board using 1 in2, 1 oz. Cu pad.
5. RthJA is determined by the user’s board design.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 1 mA, TJ = 25°C
80
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
DV(BR)DSS/
DTJ
ID = 1 mA, Referenced to 25°C
31.6
mV/°C
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, TJ = 25°C
1
mA
VDS = 80 V, TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 20 V, VDS = 0 V
100
nA
ON CHARACTERISTICS
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 37 A, TJ = 25°C
2.2
2.55
mW
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 184 mA, TJ = 25°C
2.4
3.6
V
Gate Threshold Voltage Temperature
Coefficient
DVGS(TH)/
DTJ
VGS = VDS, ID = 184 mA
−7.5
mV/°C
Forward Transconductance
gFS
VDS = 5 V, ID = 37 A
115
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, VDS = 40 V, f = 1 MHz
3200
pF
Output Capacitance
COSS
930
Reverse Transfer Capacitance
CRSS
14
Output Charge
QOSS
66
nC
Total Gate Charge
QG(TOT)
VGS = 6 V, VDD = 40 V, ID = 37 A
28
VGS = 10 V, VDD = 40 V, ID = 37 A
45
Threshold Gate Charge
QG(TH)
10
Gate−to−Source Charge
QGS
15
Gate−to−Drain Charge
QGD
7
Gate Plateau Voltage
VGP
4.7
V
Gate Resistance
RG
f = 1 MHz
0.8
W
SWITCHING CHARACTERISTICS
Turn−On Delay Time
td(ON)
Resistive Load,
VGS = 0/10 V, VDD = 64 V,
ID = 37 A, RG = 2.5 W
24
ns
Rise Time
tr
9
Turn−Off Delay Time
td(OFF)
36
Fall Time
tf
6
SOURCE−TO−DRAIN DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 37 A, TJ = 25°C
0.82
1.2
V
VGS = 0 V, IS = 37 A, TJ = 125°C
0.66
Reverse Recovery Time
tRR
VGS = 0 V, dI/dt = 1000 A/ms,
IS = 37 A, VDD = 64 V
24
ns
Charge Time
ta
13
Discharge Time
tb
10
Reverse Recovery Charge
QRR
167
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com