Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMFWS3D0N08X Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFWS3D0N08X
Description  MOSFET - Power, Single N-Channel STD Gate, SO8FL 80 V, 3 m, 135 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFWS3D0N08X Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFWS3D0N08X Datasheet HTML 1Page - ON Semiconductor NVMFWS3D0N08X Datasheet HTML 2Page - ON Semiconductor NVMFWS3D0N08X Datasheet HTML 3Page - ON Semiconductor NVMFWS3D0N08X Datasheet HTML 4Page - ON Semiconductor NVMFWS3D0N08X Datasheet HTML 5Page - ON Semiconductor NVMFWS3D0N08X Datasheet HTML 6Page - ON Semiconductor NVMFWS3D0N08X Datasheet HTML 7Page - ON Semiconductor NVMFWS3D0N08X Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NVMFWS3D0N08X
www.onsemi.com
2
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.26
C/W
Thermal Resistance, Junction−to−Ambient
RqJA
39
4. Surface−mounted on FR4 board using 1 in2 pad size, 1 oz. Cu pad.
5. RthJA is determined by the user’s board design.
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 1 mA
80
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
DV(BR)DSS/
DTJ
ID = 1 mA, Referenced to 25C
31.6
mV/C
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, TJ = 25C
1
mA
VDS = 80 V, TJ = 125C
250
Gate−to−Source Leakage Current
IGSS
VDS = 20 V, VDS = 0 V
100
nA
ON CHARACTERISTICS
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 31 A
2.6
3.0
mW
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 153 mA
2.4
3.6
V
Gate Threshold Voltage Temperature
Coefficient
DVGS(TH)/
DTJ
VGS = VDS, ID = 153 mA
−7.5
mV/C
Forward Transconductance
gFS
VDS = 5 V, ID = 31 A
97
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, VDS = 40 V, f = 1 MHz
2680
pF
Output Capacitance
COSS
780
Reverse Transfer Capacitance
CRSS
12
Output Charge
QOSS
56
nC
Total Gate Charge
QG(TOT)
VGS = 6 V, VDD = 40 V, ID = 31 A
23
VGS = 10 V, VDD = 40 V, ID = 31 A
38
Threshold Gate Charge
QG(TH)
7
Gate−to−Source Charge
QGS
13
Gate−to−Drain Charge
QGD
6
Gate Plateau Voltage
VGP
4.7
V
Gate Resistance
RG
f = 1 MHz
0.7
W
SWITCHING CHARACTERISTICS
Turn−On Delay Time
td(ON)
Resistive Load,
VGS = 0/10 V, VDD = 64 V,
ID = 31 A, RG = 2.5 W
22
ns
Rise Time
tr
8
Turn−Off Delay Time
td(OFF)
33
Fall Time
tf
5
SOURCE−TO−DRAIN DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 31 A, TJ = 25C
0.82
1.2
V
VGS = 0 V, IS = 31 A, TJ = 125C
0.66



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com