Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUV-600SXXXST Datasheet(PDF) 6 Page - Inventronics Inc.

Part # EUV-600SXXXST
Description  600W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-600SXXXST Datasheet(HTML) 6 Page - Inventronics Inc.

  EUV-600SXXXST Datasheet HTML 1Page - Inventronics Inc. EUV-600SXXXST Datasheet HTML 2Page - Inventronics Inc. EUV-600SXXXST Datasheet HTML 3Page - Inventronics Inc. EUV-600SXXXST Datasheet HTML 4Page - Inventronics Inc. EUV-600SXXXST Datasheet HTML 5Page - Inventronics Inc. EUV-600SXXXST Datasheet HTML 6Page - Inventronics Inc. EUV-600SXXXST Datasheet HTML 7Page - Inventronics Inc. EUV-600SXXXST Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 / 8
Specifications are subject to changes without notice.
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
600W Constant Voltage IP67 Driver
 
EUV-600SxxxST
Rev. B
Total Harmonic Distortion
Protection Functions
Parameter
Min.
Typ.
Max.
Notes
Over Current Protection
105%IO
110%IO
120%IO
Constant current limiting, recovers
automatically after fault condition is
removed.
Over Voltage Protection
Limits output voltage at no load and in case the normal voltage limit fails.
Short Circuit Protection
Auto Recovery.
Constant current limiting, recovers automatically after fault condition
is removed.
Over Temperature Protection
Auto Recovery. Returning to normal after over temperature is removed.
Mechanical Outline
PROJ:
Unspecified tolerance:±1
INPUT (UL SJTW 3*18AWG 7.8)
OUTPUT (UL SJTW 2*14AWG 8.8)
AC/L(BLACK)
AC/N(WHITE)
GND(GREEN)
V+(RED)
V-(BLUE)
Tc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com