Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUW-100D210DX Datasheet(PDF) 3 Page - Inventronics Inc.

Part # EUW-100D210DX
Description  100W Programmable IP66 /IP67 Tunable White Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUW-100D210DX Datasheet(HTML) 3 Page - Inventronics Inc.

  EUW-100D210DX Datasheet HTML 1Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 2Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 3Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 4Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 5Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 6Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 7Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 8Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3 / 19
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
100W Programmable IP66/IP67 Tunable White Driver
EUW-100DxxxDx
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Output Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Output Current Setting Range
with Constant Power
EUW-100D105Dx
EUW-100D210Dx
700 mA
1850 mA
-
-
1050 mA
2100 mA
Total Output Current Ripple
(pk-pk)
-
5%Iomax
10%Iomax
At 100% load condition. 20 MHz BW
Current Ripple at
< 200 Hz (pk-pk)
-
2%Iomax
-
At 100% load condition. Only this
component of ripple is associated with
visible flicker.
Startup Overshoot Current
-
-
10%Iomax
At 100% load condition
No Load Output Voltage
EUW-100D105Dx
EUW-100D210Dx
-
-
-
-
160 V
60 V
Line Regulation
-
-
±
1%
Measured at 100% load
Load Regulation
-
-
±
5%
Turn-on Delay Time
-
-
0.5 s
Measured at 120-277Vac input,
65%-100% Load
Temperature Coefficient of Ioset
-
0.06%/
C
-
Case temperature = 0
C ~Tc max
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 120 Vac input:
EUW-100D105Dx
Io= 700 mA
Io= 1050 mA
EUW-100D210Dx
Io= 1850 mA
Io= 2100 mA
88.0%
87.0%
87.0%
86.0%
90.0%
89.0%
89.0%
88.0%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 220 Vac input:
EUW-100D105Dx
Io= 700 mA
Io= 1050 mA
EUW-100D210Dx
Io= 1850 mA
Io= 2100 mA
90.0%
88.5%
89.0%
88.0%
92.0%
90.5%
91.0%
90.0%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 277 Vac input:
EUW-100D105Dx
Io= 700 mA
Io= 1050 mA
EUW-100D210Dx
Io= 1850 mA
Io= 2100 mA
90.0%
88.5%
89.5%
88.5%
92.0%
90.5%
91.5%
90.5%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
MTBF
-
367,000
Hours
-
Measured at 220Vac input, 80%Load and
25
C ambient temperature (MIL-HDBK-
217F)
Lifetime
-
119,000
Hours
-
Measured at 220Vac input, 80%Load and
70
C case temperature; See lifetime vs.
Tc curve for the details
Lifetime
120,000
Hours
Measured at 220Vac input, 100%Load
and 40
C ambient temperature;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com